Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T35_0708 Datasheet(PDF) 25 Page - STMicroelectronics

Part # M48T35_0708
Description  5V, 256 Kbit (32 Kb x 8) TIMEKEEPER SRAM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T35_0708 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button M48T35_0708 Datasheet HTML 21Page - STMicroelectronics M48T35_0708 Datasheet HTML 22Page - STMicroelectronics M48T35_0708 Datasheet HTML 23Page - STMicroelectronics M48T35_0708 Datasheet HTML 24Page - STMicroelectronics M48T35_0708 Datasheet HTML 25Page - STMicroelectronics M48T35_0708 Datasheet HTML 26Page - STMicroelectronics M48T35_0708 Datasheet HTML 27Page - STMicroelectronics M48T35_0708 Datasheet HTML 28Page - STMicroelectronics M48T35_0708 Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
M48T35 M48T35Y
Package mechanical information
25/29
Figure 17.
PMDIP28 – 28-pin plastic DIP, hybrid, package outline
Note:
Drawing is not to scale.
Table 16.
PMDIP28 – 28-pin plastic DIP, hybrid, package mechanical data
PMDIP
A1
A
L
B
e1
D
E
N
1
eA
e3
S
C
Symbol
mm
inches
Typ
Min
Max
Typ
Min
Max
A
9.27
9.53
0.365
0.375
A1
0.38
0.015
B
0.43
0.58
0.017
0.023
C
0.20
0.33
0.008
0.013
D
37.34
37.85
1.470
1.490
E
18.03
18.80
0.710
0.740
e1
2.29
2.79
0.090
0.110
e3
33.02
1.300
eA
14.99
16.00
0.590
0.630
L
3.05
3.81
0.120
0.150
S
1.91
2.67
0.075
0.105
N
28
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com