Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP22NE03 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP22NE03
Description  N - CHANNEL ENHANCEMENT MODE SINGLE FEATURE SIZE POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP22NE03 Datasheet(HTML) 1 Page - STMicroelectronics

  STP22NE03 Datasheet HTML 1Page - STMicroelectronics STP22NE03 Datasheet HTML 2Page - STMicroelectronics STP22NE03 Datasheet HTML 3Page - STMicroelectronics STP22NE03 Datasheet HTML 4Page - STMicroelectronics STP22NE03 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
STP22NE03L
N - CHANNEL ENHANCEMENT MODE
" SINGLE FEATURE SIZE
™ " POWER MOSFET
s
TYPICAL RDS(on) = 0.034
Ω
s
EXCEPTIONAL dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
LOW GATE CHARGE 100
oC
s
APPLICATION ORIENTED
CHARACTERIZATION
DESCRIPTION
This Power Mosfet is the latest development of
SGS-THOMSON unique "Single Feature Size
™ "
strip-based
process. The resulting transistor
shows extremely high packing density for low on-
resistance, rugged avalance characteristics and
less critical alignment steps therefore a remark-
able manufacturing reproducibility.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SOLENOID AND RELAY DRIVERS
s
MOTOR CONTROL, AUDIO AMPLIFIERS
s
DC-DC & DC-AC CONVERTERS
s
AUTOMOTIVE ENVIRONMENT (INJECTION,
ABS, AIR-BAG, LAMPDRIVERS, Etc. )
INTERNAL SCHEMATIC DIAGRAM
January 1998
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
30
V
VDGR
Drain- gate Voltage (RGS = 20 k
Ω)
30
V
VGS
Gate-source Voltage
± 15
V
ID
Drain Current (continuous) at Tc = 25
o C22
A
ID
Drain Current (continuous) at Tc = 100
oC16
A
IDM(
•)
Drain Current (pulsed)
88
A
Ptot
Total Dissipation at Tc = 25
oC60
W
Derating Factor
0.4
W/
oC
dv/dt
Peak Diode Recovery voltage slope
6
V/ns
Tstg
Storage Temperature
-65 to 175
oC
Tj
Max. Operating Junction Temperature
175
oC
(
•) Pulse width limited by safe operating area
(1) ISD
≤22 A, di/dt ≤ 300 A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX
TYPE
VDSS
RDS(on)
ID
STP22NE03L
30 V
< 0.05
Ω
22 A
TO-220
1
2
3
1/5


Similar Part No. - STP22NE03

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STP22NE03L ISC-STP22NE03L Datasheet
371Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP22NE03

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB60NE06-16 STMICROELECTRONICS-STB60NE06-16 Datasheet
115Kb / 9P
N - CHANNEL ENHANCEMENT MODE SINGLE FEATURE SIZE POWER MOSFET
Jan-1998
STB80NE06-10 STMICROELECTRONICS-STB80NE06-10 Datasheet
94Kb / 8P
N - CHANNEL ENHANCEMENT MODE SINGLE FEATURE SIZE POWER MOSFET
Feb-1998
STD20NE03L STMICROELECTRONICS-STD20NE03L Datasheet
105Kb / 9P
N - CHANNEL ENHANCEMENT MODE ” SINGLE FEATURE SIZE” POWER MOSFET
Dec-1997
STD20NE06 STMICROELECTRONICS-STD20NE06 Datasheet
96Kb / 8P
N - CHANNEL ENHANCEMENT MODE ” SINGLE FEATURE SIZE” POWER MOSFET
Jan-1998
STP16NE06L STMICROELECTRONICS-STP16NE06L Datasheet
70Kb / 7P
N - CHANNEL ENHANCEMENT MODE SINGLE FEATURE SIZE] POWER MOSFET
Oct-1997
STP55NE06 STMICROELECTRONICS-STP55NE06 Datasheet
120Kb / 9P
N - CHANNEL ENHANCEMENT MODE SINGLE FEATURE SIZE POWER MOSFET
Jan-1998
STP55NE06L STMICROELECTRONICS-STP55NE06L Datasheet
57Kb / 6P
N - CHANNEL ENHANCEMENT MODE SINGLE FEATURE SIZE POWER MOSFET
Dec-1997
STP60NE03L-10 STMICROELECTRONICS-STP60NE03L-10 Datasheet
99Kb / 8P
N - CHANNEL ENHANCEMENT MODE SINGLE FEATURE SIZE POWER MOSFET
Dec-1997
STP80NE03L-06 STMICROELECTRONICS-STP80NE03L-06 Datasheet
87Kb / 8P
N - CHANNEL ENHANCEMENT MODE SINGLE FEATURE SIZE POWER MOSFET
Feb-2000
STP80NE06-10 STMICROELECTRONICS-STP80NE06-10 Datasheet
92Kb / 8P
N - CHANNEL ENHANCEMENT MODE SINGLE FEATURE SIZE POWER MOSFET
Feb-1998
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com