Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC237K Datasheet(PDF) 1 Page - STMicroelectronics

Part # M54HC237K
Description  RAD-HARD 3 TO 8 LINE DECODER LATCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC237K Datasheet(HTML) 1 Page - STMicroelectronics

  M54HC237K Datasheet HTML 1Page - STMicroelectronics M54HC237K Datasheet HTML 2Page - STMicroelectronics M54HC237K Datasheet HTML 3Page - STMicroelectronics M54HC237K Datasheet HTML 4Page - STMicroelectronics M54HC237K Datasheet HTML 5Page - STMicroelectronics M54HC237K Datasheet HTML 6Page - STMicroelectronics M54HC237K Datasheet HTML 7Page - STMicroelectronics M54HC237K Datasheet HTML 8Page - STMicroelectronics M54HC237K Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
April 2004
s
HIGH SPEED:
tPD = 16ns (TYP.) at VCC =6V
s
LOW POWER DISSIPATION:
ICC =4µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH =VNIL = 28% VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|= IOL =4mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
54 SERIES 237
s
SPACE GRADE-1: ESA SCC QUALIFIED
s
50 krad QUALIFIED, 100 krad AVAILABLE ON
REQUEST
s
NO SEL UNDER HIGH LET HEAVY IONS
IRRADIATION
s
DEVICE FULLY COMPLIANT WITH
SCC-9205-021
DESCRIPTION
The M54HC237 is an high speed CMOS 3 TO 8
LINE DECODER fabricated with silicon gate
C2MOS technology.
When GL goes from low to high, the address
present at the select inputs (A, B, C) is stored in
the latches. As long as GL remains high no
address changes will be recognized. Output
enable controls, G1 and G2 control the state of the
outputs
independently
of
the
select
or
latch-enable inputs. All of the outputs are low
unless G1 is high and G2 is low. The M54HC237
is
ideally
suited
for
the
implementation
of
glitch-free
decoders
in
stored-address
applications in bus oriented systems.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M54HC237
RAD-HARD 3 TO 8 LINE DECODER LATCH
PIN CONNECTION
ORDER CODES
PACKAGE
FM
EM
DILC
M54HC237D
M54HC237D1
FPC
M54HC237K
M54HC237K1
DILC-16
FPC-16


Similar Part No. - M54HC237K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC237K STMICROELECTRONICS-M54HC237K Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
More results

Similar Description - M54HC237K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC131 STMICROELECTRONICS-M54HC131 Datasheet
262Kb / 12P
3 TO 8 LINE DECODER/LATCH
Oct-1992
M54HC237 STMICROELECTRONICS-M54HC237 Datasheet
256Kb / 11P
3 TO 8 LINE DECODER LATCH
Oct-1992
logo
Toshiba Semiconductor
TC74HC237AP TOSHIBA-TC74HC237AP Datasheet
299Kb / 7P
3- TO - 8 LINE DECODER/LATCH
logo
STMicroelectronics
M54HC4514 STMICROELECTRONICS-M54HC4514 Datasheet
316Kb / 10P
RAD-HARD 4 TO 16 LINE DECODER/LATCH
14-May-2004
M74HC237 STMICROELECTRONICS-M74HC237 Datasheet
181Kb / 11P
3 TO 8 LINE DECODER LATCH
Jul-2001
logo
Toshiba Semiconductor
TC74HC237AP TOSHIBA-TC74HC237AP_07 Datasheet
384Kb / 9P
3-to-8 Line Decoder/Latch
logo
STMicroelectronics
M54HC137 STMICROELECTRONICS-M54HC137_04 Datasheet
224Kb / 10P
RAD-HARD 3 TO 8 LINE DECODER/LATCH (INVERTING)
Mar-2004
M54HC138 STMICROELECTRONICS-M54HC138_04 Datasheet
173Kb / 9P
RAD-HARD 3 TO 8 LINE DECODER (INVERTING)
Mar-2004
M54HC148 STMICROELECTRONICS-M54HC148_04 Datasheet
227Kb / 10P
RAD-HARD 8 TO 3 LINE PRIORITY ENCODER
Mar-2004
M54HCT138 STMICROELECTRONICS-M54HCT138_04 Datasheet
252Kb / 10P
RAD HARD 3 TO 8 LINE DECODER (INVERTING)
16-Jun-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com