Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC175D Datasheet(PDF) 2 Page - STMicroelectronics

Part # M54HC175D
Description  RAD-HARD QUAD D-TYPE FLIP FLOP WITH CLEAR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC175D Datasheet(HTML) 2 Page - STMicroelectronics

  M54HC175D Datasheet HTML 1Page - STMicroelectronics M54HC175D Datasheet HTML 2Page - STMicroelectronics M54HC175D Datasheet HTML 3Page - STMicroelectronics M54HC175D Datasheet HTML 4Page - STMicroelectronics M54HC175D Datasheet HTML 5Page - STMicroelectronics M54HC175D Datasheet HTML 6Page - STMicroelectronics M54HC175D Datasheet HTML 7Page - STMicroelectronics M54HC175D Datasheet HTML 8Page - STMicroelectronics M54HC175D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
M54HC175
2/10
IEC LOGIC SYMBOLS
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
X : Don’t Care
PIN N°
SYMBOL
NAME AND FUNCTION
1
CLEAR
Asynchronous Master
Reset (Active Low)
2, 7, 10, 15
1Q to 4Q
Flip-Flop Outputs
3, 6, 11, 14
1Q to 4Q
Complementary Flip-Flop
Outputs
4, 5, 12, 13
1D to 4D
Data Inputs
9CLOCK
Clock Input (LOW to
HIGH, edge triggered)
8
GND
Ground (0V)
16
VCC
Positive Supply Voltage
INPUTS
OUTPUTS
FUNCTION
CLEAR
DCLOCK
Q
Q
LX
XL
H
HL
LH
HH
H
L
HX
Qn
QnNO CHANGE



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com