Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T212V Datasheet(PDF) 20 Page - STMicroelectronics

Part # M48T212V
Description  3.3V TIMEKEEPER supervisor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T212V Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M48T212V Datasheet HTML 16Page - STMicroelectronics M48T212V Datasheet HTML 17Page - STMicroelectronics M48T212V Datasheet HTML 18Page - STMicroelectronics M48T212V Datasheet HTML 19Page - STMicroelectronics M48T212V Datasheet HTML 20Page - STMicroelectronics M48T212V Datasheet HTML 21Page - STMicroelectronics M48T212V Datasheet HTML 22Page - STMicroelectronics M48T212V Datasheet HTML 23Page - STMicroelectronics M48T212V Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
Clock operation
M48T212V
20/35
Figure 8.
Back-up mode alarm waveforms
3.6
Watchdog timer
The watchdog timer can be used to detect an out-of-control microprocessor. The user
programs the watchdog timer by setting the desired amount of time-out into the Watchdog
Register, address 7h.
Bits BMB4-BMB0 store a binary multiplier and the two lower-order bits RB1-RB0 select the
resolution, where 00=1/16 second, 01=1/4 second, 10=1 second, and 11=4 seconds. The
amount of time-out is then determined to be the multiplication of the five-bit multiplier value
with the resolution. (For example: writing 00001110 in the Watchdog Register = 3*1 or 3
seconds).
Note:
Accuracy of timer is within ± the selected resolution.
If the processor does not reset the timer within the specified period, the M48T212V sets the
WDF (Watchdog Flag) and generates a watchdog interrupt or a microprocessor reset. WDF
is reset by reading the Flags Register (Address 0h).
The most significant bit of the Watchdog Register is the Watchdog Steering Bit (WDS).
When set to a '0.' the watchdog will activate the IRQ/FT pin when timed-out. When WDS is
set to a '1,' the watchdog will output a negative pulse on the RST pin for 40 to 200 ms. The
Watchdog register, AFE, ABE, and FT Bits will reset to a '0' at the end of a Watchdog time-
out when the WDS Bit is set to a '1.'
The watchdog timer can be reset by two methods:
1.
a transition (high-to-low or low-to-high) can be applied to the Watchdog Input pin (WDI)
or
2.
the microprocessor can perform a WRITE of the Watchdog Register.
The time-out period then starts over. The WDI pin should be tied to VSS if not used. The
watchdog will be reset on each transition (edge) seen by the WDI pin. In the order to
AI03622
VCC
IRQ/FT
HIGH-Z
VPFD (max)
VPFD (min)
AFE Bit/ABE Bit
AF Bit in Flags Register
HIGH-Z
tREC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com