Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T58-70PC1 Datasheet(PDF) 13 Page - STMicroelectronics

Part # M48T58-70PC1
Description  5.0V, 64 Kbit (8 Kb x 8) TIMEKEEPER SRAM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T58-70PC1 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M48T58-70PC1 Datasheet HTML 9Page - STMicroelectronics M48T58-70PC1 Datasheet HTML 10Page - STMicroelectronics M48T58-70PC1 Datasheet HTML 11Page - STMicroelectronics M48T58-70PC1 Datasheet HTML 12Page - STMicroelectronics M48T58-70PC1 Datasheet HTML 13Page - STMicroelectronics M48T58-70PC1 Datasheet HTML 14Page - STMicroelectronics M48T58-70PC1 Datasheet HTML 15Page - STMicroelectronics M48T58-70PC1 Datasheet HTML 16Page - STMicroelectronics M48T58-70PC1 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
M48T58, M48T58Y
Write mode
13/31
Table 4.
Write mode AC characteristics
Symbol
Parameter(1)
1.
Valid for Ambient Operating Temperature: TA = 0 to 70°C; VCC = 4.75 to 5.5V or 4.5 to 5.5V (except where
noted).
M48T58/Y
Unit
Min
Max
tAVAV
WRITE Cycle Time
70
ns
tAVWL
Address Valid to WRITE Enable Low
0
ns
tAVE1L
Address Valid to Chip Enable 1 Low
0
ns
tAVE2H
Address Valid to Chip Enable 2 High
0
ns
tWLWH
WRITE Enable Pulse Width
50
ns
tE1LE1H
Chip Enable 1 Low to Chip Enable 1 High
55
ns
tE2HE2L
Chip Enable 2 High to Chip Enable 2 Low
55
ns
tWHAX
WRITE Enable High to Address Transition
0
ns
tE1HAX
Chip Enable 1 High to Address Transition
0
ns
tE2LAX
Chip Enable 2 Low to Address Transition
0
ns
tDVWH
Input Valid to WRITE Enable High
30
ns
tDVE1H
Input Valid to Chip Enable 1 High
30
ns
tDVE2L
Input Valid to Chip Enable 2 Low
30
ns
tWHDX
WRITE Enable High to Input Transition
5
ns
tE1HDX
Chip Enable 1 High to Input Transition
5
ns
tE2LDX
Chip Enable 2 Low to Input Transition
5
ns
tWLQZ
(2)(3)
2.
CL = 5pF.
3.
If E1 goes low or E2 high simultaneously with W going low, the outputs remain in the high impedance
state.
Write Enable Low to Output Hi-Z
25
ns
tAVWH
Address Valid to WRITE Enable High
60
ns
tAVE1H
Address Valid to Chip Enable 1 High
60
ns
tAVE2L
Address Valid to Chip Enable 2 Low
60
ns
tWHQX
(2)(3)
WRITE Enable High to Output Transition
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com