Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC157 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M54HC157
Description  RAD-HARD QUAD 2 CHANNEL MULTIPLEXER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC157 Datasheet(HTML) 1 Page - STMicroelectronics

  M54HC157 Datasheet HTML 1Page - STMicroelectronics M54HC157 Datasheet HTML 2Page - STMicroelectronics M54HC157 Datasheet HTML 3Page - STMicroelectronics M54HC157 Datasheet HTML 4Page - STMicroelectronics M54HC157 Datasheet HTML 5Page - STMicroelectronics M54HC157 Datasheet HTML 6Page - STMicroelectronics M54HC157 Datasheet HTML 7Page - STMicroelectronics M54HC157 Datasheet HTML 8Page - STMicroelectronics M54HC157 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
June 2004
s
HIGH SPEED:
tPD = 10ns (TYP.) at VCC =6V
s
LOW POWER DISSIPATION:
ICC =4µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH =VNIL = 28% VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|= IOL =4mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
54 SERIES 157
s
SPACE GRADE-1: ESA SCC QUALIFIED
s
50 krad QUALIFIED, 100 krad AVAILABLE ON
REQUEST
s
NO SEL UNDER HIGH LET HEAVY IONS
IRRADIATION
s
DEVICE FULLY COMPLIANT WITH
SCC-9408-057
DESCRIPTION
The M54HC157 is an high speed CMOS QUAD 2
CHANNEL MULTIPLEXER fabricated with silicon
gate C2MOS technology.
These device consist of four 2-input digital
multiplexer with common select and strobe inputs.
When the STROBE input is held high, selection of
data is inhibited and all the outputs become low.
The SELECT decoding determines whether the A
or B inputs get routed to their corresponding Y
outputs.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M54HC157
RAD-HARD QUAD 2 CHANNEL MULTIPLEXER
PIN CONNECTION
ORDER CODES
PACKAGE
FM
EM
DILC
M54HC157D
M54HC157D1
FPC
M54HC157K
M54HC157K1
DILC-16
FPC-16
Rev. 1


Similar Part No. - M54HC157

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC157 STMICROELECTRONICS-M54HC157 Datasheet
251Kb / 11P
HC158 QUAD 2 CHANNEL MULTIPLEXER INV. HC157 QUAD 2 CHANNEL MULTIPLEXER
Feb-1993
M54HC157 STMICROELECTRONICS-M54HC157 Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
M54HC157B1R STMICROELECTRONICS-M54HC157B1R Datasheet
251Kb / 11P
HC158 QUAD 2 CHANNEL MULTIPLEXER INV. HC157 QUAD 2 CHANNEL MULTIPLEXER
Feb-1993
M54HC157C1R STMICROELECTRONICS-M54HC157C1R Datasheet
251Kb / 11P
HC158 QUAD 2 CHANNEL MULTIPLEXER INV. HC157 QUAD 2 CHANNEL MULTIPLEXER
Feb-1993
M54HC157D STMICROELECTRONICS-M54HC157D Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
More results

Similar Description - M54HC157

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC4053 STMICROELECTRONICS-M54HC4053 Datasheet
287Kb / 12P
RAD-HARD TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
15-May-2004
M54HC257 STMICROELECTRONICS-M54HC257_04 Datasheet
168Kb / 10P
RAD-HARD QUAD 2 CHANNEL MULTIPLEXER (3-STATE)
Apr-2004
M54HC251 STMICROELECTRONICS-M54HC251_04 Datasheet
257Kb / 10P
RAD-HARD 8-CHANNEL MULTIPLEXER (3-STATE)
Apr-2004
M54HC158 STMICROELECTRONICS-M54HC158_04 Datasheet
228Kb / 10P
RAD-HARD QUAD 2 CHANNEL MULTIPLEXER (INV.)
30-Apr-2004
M54HC00 STMICROELECTRONICS-M54HC00_04 Datasheet
104Kb / 8P
RAD-HARD QUAD 2-INPUT NAND GATE
Mar-2004
M54HC02 STMICROELECTRONICS-M54HC02_04 Datasheet
105Kb / 8P
RAD-HARD QUAD 2-INPUT NOR GATE
Mar-2004
M54HC08 STMICROELECTRONICS-M54HC08_04 Datasheet
104Kb / 8P
RAD-HARD QUAD 2-INPUT AND GATE
Mar-2004
M54HC32 STMICROELECTRONICS-M54HC32_04 Datasheet
103Kb / 7P
RAD-HARD QUAD 2-INPUT OR GATE
Apr-2004
M54HC151 STMICROELECTRONICS-M54HC151_04 Datasheet
230Kb / 11P
RAD-HARD 8 CHANNEL MULTIPLEXER
Mar-2004
M54HC153 STMICROELECTRONICS-M54HC153_04 Datasheet
338Kb / 9P
RAD-HARD DUAL 4 CHANNEL MULTIPLEXER
Mar-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com