Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48Z02 Datasheet(PDF) 5 Page - STMicroelectronics

Part # M48Z02
Description  5V, 16Kbit (2Kb x 8) ZEROPOWER SRAM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z02 Datasheet(HTML) 5 Page - STMicroelectronics

  M48Z02 Datasheet HTML 1Page - STMicroelectronics M48Z02 Datasheet HTML 2Page - STMicroelectronics M48Z02 Datasheet HTML 3Page - STMicroelectronics M48Z02 Datasheet HTML 4Page - STMicroelectronics M48Z02 Datasheet HTML 5Page - STMicroelectronics M48Z02 Datasheet HTML 6Page - STMicroelectronics M48Z02 Datasheet HTML 7Page - STMicroelectronics M48Z02 Datasheet HTML 8Page - STMicroelectronics M48Z02 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
M48Z02, M48Z12
Summary
5/20
1
Summary
The M48Z02/12 ZEROPOWER® RAM is a 2K x 8 non-volatile static RAM which is pin and
functional compatible with the DS1220.
A special 24-pin, 600mil DIP CAPHAT™ package houses the M48Z02/12 silicon with a long
life lithium button cell to form a highly integrated battery backed-up memory solution.
The M48Z02/12 button cell has sufficient capacity and storage life to maintain data
functionality for an accumulated time period of at least 10 years in the absence of power
over commercial operating temperature range.
The M48Z02/12 is a non-volatile pin and function equivalent to any JEDEC standard 2K x 8
SRAM. It also easily fits into many ROM, EPROM, and EEPROM sockets, providing the
non-volatility of PROMs without any requirement for special WRITE timing or limitations on
the number of WRITEs that can be performed.
Figure 1.
Logic diagram
Table 1.
Signal names
A0-A10
Address inputs
DQ0-DQ7
Data inputs / outputs
E
Chip enable
G
Output enable
W
WRITE enable
VCC
Supply voltage
VSS
Ground
AI01186
11
A0-A10
W
DQ0-DQ7
VCC
M48Z02
M48Z12
G
VSS
8
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com