Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48Z02-70PC1 Datasheet(PDF) 7 Page - STMicroelectronics

Part # M48Z02-70PC1
Description  5V, 16Kbit (2Kb x 8) ZEROPOWER SRAM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z02-70PC1 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M48Z02-70PC1 Datasheet HTML 3Page - STMicroelectronics M48Z02-70PC1 Datasheet HTML 4Page - STMicroelectronics M48Z02-70PC1 Datasheet HTML 5Page - STMicroelectronics M48Z02-70PC1 Datasheet HTML 6Page - STMicroelectronics M48Z02-70PC1 Datasheet HTML 7Page - STMicroelectronics M48Z02-70PC1 Datasheet HTML 8Page - STMicroelectronics M48Z02-70PC1 Datasheet HTML 9Page - STMicroelectronics M48Z02-70PC1 Datasheet HTML 10Page - STMicroelectronics M48Z02-70PC1 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
M48Z02, M48Z12
Operation modes
7/20
2
Operation modes
The M48Z02/12 also has its own Power-fail Detect circuit. The control circuitry constantly
monitors the single 5V supply for an out of tolerance condition. When VCC is out of
tolerance, the circuit write protects the SRAM, providing a high degree of data security in the
midst of unpredictable system operation brought on by low VCC. As VCC falls below
approximately 3V, the control circuitry connects the battery which maintains data operation
until valid power returns.
Table 2.
Operating modes
Note:
X = VIH or VIL; VSO = Battery back-up switchover voltage.
2.1
Read mode
The M48Z02/12 is in the READ Mode whenever W (WRITE Enable) is high and E (Chip
Enable) is low. The device architecture allows ripple-through access of data from eight of
16,384 locations in the static storage array. Thus, the unique address specified by the 11
Address Inputs defines which one of the 2,048 bytes of data is to be accessed. Valid data
will be available at the Data I/O pins within Address Access time (tAVQV) after the last
address input signal is stable, providing that the E and G access times are also satisfied. If
the E and G access times are not met, valid data will be available after the latter of the Chip
Enable Access time (tELQV) or Output Enable Access time (tGLQV).
The state of the eight three-state Data I/O signals is controlled by E and G. If the outputs are
activated before tAVQV, the data lines will be driven to an indeterminate state until tAVQV. If
the Address Inputs are changed while E and G remain active, output data will remain valid
for Output Data Hold time (tAXQX) but will go indeterminate until the next Address Access.
Mode
VCC
E
G
W
DQ0-
DQ7
Power
Deselect
4.75 to 5.5V
or
4.5 to 5.5V
VIH
X
X
High Z
Standby
WRITE
VIL
XVIL
DIN
Active
READ
VIL
VIL
VIH
DOUT
Active
READ
VIL
VIH
VIH
High Z
Active
Deselect
VSO to VPFD(min)
(1)
1.
See Table 10 on page 16 for details.
X
X
X
High Z
CMOS standby
Deselect
≤ VSO(1)
X
X
X
High Z
Battery back-up mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com