Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP22NM50FP Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP22NM50FP
Description  N-CHANNEL 500V - 0.16ohm - 20A TO-220/FP/D2PAK/I2PAK MDmesh™ Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP22NM50FP Datasheet(HTML) 1 Page - STMicroelectronics

  STP22NM50FP Datasheet HTML 1Page - STMicroelectronics STP22NM50FP Datasheet HTML 2Page - STMicroelectronics STP22NM50FP Datasheet HTML 3Page - STMicroelectronics STP22NM50FP Datasheet HTML 4Page - STMicroelectronics STP22NM50FP Datasheet HTML 5Page - STMicroelectronics STP22NM50FP Datasheet HTML 6Page - STMicroelectronics STP22NM50FP Datasheet HTML 7Page - STMicroelectronics STP22NM50FP Datasheet HTML 8Page - STMicroelectronics STP22NM50FP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
ADVANCED DATA
January 2003
STP22NM50 - STP22NM50FP
STB22NM50 - STB22NM50-1
N-CHANNEL 500V - 0.16
Ω - 20A TO-220/FP/D2PAK/I2PAK
MDmesh™Power MOSFET
s
TYPICAL RDS(on) = 0.16Ω
s
HIGH dv/dt AND AVALANCHE CAPABILITIES
s
100% AVALANCHE TESTED
s
LOW INPUT CAPACITANCE AND GATE CHARGE
s
LOW GATE INPUT RESISTANCE
DESCRIPTION
The MDmesh™ is a new revolutionary MOSFET tech-
nology that associates the Multiple Drain process with
the Company’s PowerMESH™ horizontal layout. The
resulting product has an outstanding low on-resis-
tance, impressively high dv/dt and excellent avalanche
characteristics. The adoption of the Company’s propri-
etary strip technique yields overall dynamic perfor-
mance that is significantly better than that of similar
competition’s products.
APPLICATIONS
The MDmesh™ family is very suitable for increasing
power density of high voltage converters allowing sys-
tem miniaturization and higher efficiencies.
ABSOLUTE MAXIMUM RATINGS
(•)Pulse width limited by safe operating area
TYPE
VDSS
RDS(on)
Rds(on)*Qg
ID
STP22NM50
STP22NM50FP
STB22NM50
STB22NM50-1
500 V
500 V
500 V
500 V
<0.215
Ω
<0.215
Ω
<0.215
Ω
<0.215
Ω
6.4
Ω*nC
6.4
Ω*nC
6.4
Ω*nC
6.4
Ω*nC
20 A
20 A
20 A
20 A
Symbol
Parameter
Value
Unit
STP(B)22NM50(-1)
STP22NM50FP
VDS
Drain-source Voltage (VGS =0)
500
V
VDGR
Drain-gate Voltage (RGS =20kΩ)
500
V
VGS
Gate- source Voltage
±30
V
ID
Drain Current (continuous) at TC = 25°C
20
20(*)
A
ID
Drain Current (continuous) at TC = 100°C
12.6
12.6(*)
A
IDM (q)
Drain Current (pulsed)
80
80(*)
A
PTOT
Total Dissipation at TC = 25°C
192
45
W
Derating Factor
1.2
0.36
W/°C
dv/dt(1)
Peak Diode Recovery voltage slope
15
V/ns
VISO
Insulation Winthstand Voltage (DC)
--
2000
V
Tstg
Storage Temperature
–65 to 150
°C
Tj
Max. Operating Junction Temperature
150
°C
(1)ISD ≤20A, di/dt ≤400A/µs, VDD ≤ V(BR)DSS,Tj ≤ TJMAX.
(*)Limited only by maximum temperature allowed
TO-220
1
2
3
TO-220FP
1
2
3
I²PAK
(Tabless TO-220)
1
3
D2PAK
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STP22NM50FP

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STP22NM50 ISC-STP22NM50 Datasheet
371Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP22NM50FP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP20NM50 STMICROELECTRONICS-STP20NM50 Datasheet
532Kb / 16P
N-CHANNEL 500V - 0.20ohm - 20A TO-220/FP/D2PAK/I2PAK MDmesh Power MOSFET
05-Sep-2005
STP20NM60 STMICROELECTRONICS-STP20NM60 Datasheet
355Kb / 15P
N-CHANNEL 600V - 0.25ohm - 20A TO-220/FP/D2PAK/I2PAK MDmesh Power MOSFET
17-Feb-2005
STP22NM60 STMICROELECTRONICS-STP22NM60 Datasheet
386Kb / 11P
N-CHANNEL 600V - 0.19 ohm - 22A TO-220/FP/D2PAK/I2PAK/TO-247 MDmesh™ Power MOSFET
Jun-2003
STP5NC50 STMICROELECTRONICS-STP5NC50 Datasheet
534Kb / 12P
N-CHANNEL 500V - 1.3ohm - 5.5A TO-220/FP/D2PAK/I2PAK PowerMesh™ I MOSFET
Dec-2002
STB21NM50N STMICROELECTRONICS-STB21NM50N Datasheet
633Kb / 16P
N-CHANNEL 500V - 0.15ohm - 18A TO-220/FP/D2/I2PAK/TO-247 SECOND GENERATION MDmesh MOSFET
14-Oct-2005
STP11NM60 STMICROELECTRONICS-STP11NM60_07 Datasheet
364Kb / 16P
N-channel 650V TJmax - 0.4OHM - 11A TO-220/FP/D2PAK/I2PAK MDmesh Power MOSFET
12-Jan-2007
STP14NK50Z STMICROELECTRONICS-STP14NK50Z_06 Datasheet
626Kb / 19P
N-channel 500V - 0.34OHM - 14A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-protected SuperMESH Power MOSFET
26-Jul-2006
STB20NM60-1 STMICROELECTRONICS-STB20NM60-1 Datasheet
440Kb / 18P
N-channel 600V - 0.25Ω - 20A - TO-247 - TO-220/FP - D2/I2PAK MDmesh??Power MOSFET
27-Aug-2007
STB20NM50 STMICROELECTRONICS-STB20NM50_07 Datasheet
317Kb / 14P
N-channel 500V - 0.20Ω - 20A - TO220/FP-D2PAK-I2PAK MDmesh??Power MOSFET
26-Jan-2007
STB9NK50ZT4 STMICROELECTRONICS-STB9NK50ZT4 Datasheet
371Kb / 13P
N-CHANNEL 500V - 7.2A TO-220/FP/D2PAK/I2PAK Zener-Protected SuperMESH MOSFET
Jun-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com