Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7501 Datasheet(PDF) 23 Page - STMicroelectronics

Part # TDA7501
Description  Line driver for digital car radio Signal processor (DSPLD)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7501 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TDA7501_07 Datasheet HTML 19Page - STMicroelectronics TDA7501_07 Datasheet HTML 20Page - STMicroelectronics TDA7501_07 Datasheet HTML 21Page - STMicroelectronics TDA7501_07 Datasheet HTML 22Page - STMicroelectronics TDA7501_07 Datasheet HTML 23Page - STMicroelectronics TDA7501_07 Datasheet HTML 24Page - STMicroelectronics TDA7501_07 Datasheet HTML 25Page - STMicroelectronics TDA7501_07 Datasheet HTML 26Page - STMicroelectronics TDA7501_07 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
TDA7501
Software specification for both modes
23/29
Table 13.
Mode select (subaddress 5)
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
0
0
1
1
0
1
0
1
AM-IF rectifier gain
18dB
15.5dB
12dB
6dB
0
0
1
1
0
1
0
1
AM-IF rectifier corner frequency
14KHz
18.5KHz
28KHz
56KHz
0
1
backkground tuner select (internal AM-
path)
FM-in (MPX1)
AM-in (MPX2)
0
1
Dual MPX mode
on (control through Tuner- - voltage)
off
0
0
1
1
0
1
0
1
forced Dual MPX mode
MPX1 (allows automatic selection)
MPX2 (overwrites automatic selection)
MPX1+ MPX2 (overwrites automatic
selection)
MPX1 (overwrites automatic selection)
Table 14.
Configuration (subaddress 6)
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
0
1
output gain
0dB
+6dB
0
1
reference voltage setting for output
external reference / internal reference
(V33*1.25)
01
internal divider for output reference
voltage connected to VCC/2
disconnected
01
fast charge (switches at CD input)
open closed
01
Input level select (output
power)12dB6d0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com