Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7513T Datasheet(PDF) 39 Page - STMicroelectronics

Part # TDA7513T
Description  Single chip FM/AM tuner with stereo decoder and audio processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513T Datasheet(HTML) 39 Page - STMicroelectronics

Back Button TDA7513T Datasheet HTML 35Page - STMicroelectronics TDA7513T Datasheet HTML 36Page - STMicroelectronics TDA7513T Datasheet HTML 37Page - STMicroelectronics TDA7513T Datasheet HTML 38Page - STMicroelectronics TDA7513T Datasheet HTML 39Page - STMicroelectronics TDA7513T Datasheet HTML 40Page - STMicroelectronics TDA7513T Datasheet HTML 41Page - STMicroelectronics TDA7513T Datasheet HTML 42Page - STMicroelectronics TDA7513T Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 84 page
background image
TDA7513T
Functional description
39/84
3.8.1
AF search control
The device is supplied with several functionality to support AF checks using the stereo
decoder. As already mentioned before the high ohmic mute feature at the stereo decoder
input avoids any clicks during the jump condition.
It is possible at the same time to evaluate the noise and multipath content of the alternate
frequency by using the Quality detector output. During this time the multipath detector is
automatically switched to a small time constant.
One dedicated pin (#RDSMUTE) is provided in order to separate the audioprocessor-mute
and stereodecoder AF-functions.
3.9
I2C bus interface
I2C bus protocol is supported. This protocol defines any device that sends data onto the bus
as a transmitter, and the receiving device as the receiver.
The device that controls the transfer is a master and device being controlled is the slave.
The master will always initiate data transfer and provide the clock to transmit or receive
operations. The present device always acts as slave, both in transmission and in reception
mode.
3.9.1
Data transition
Data transition on the SDA line must only occur when the clock SCL is LOW. SDA transitions
while SCL is HIGH will be interpreted as START or STOP condition.
3.9.2
Start condition
A start condition is defined by a HIGH to LOW transition of the SDA line while SCL is at a
stable HIGH level. This "START" condition must precede any command and initiate a data
transfer onto the bus. The device continuously monitors the SDA and SCL lines for a valid
START and will not response to any command if this condition has not been met.
3.9.3
Stop Condition
A STOP condition is defined by a LOW to HIGH transition of the SDA while the SCL line is at
a stable HIGH level. This condition terminates the communication between the devices and
forces the bus interface of the device into the initial condition.
3.9.4
Acknowledge
Indicates a successful data transfer. The transmitter will release the bus after sending 8 bits
of data. During the 9th clock cycle the receiver will pull the SDA line to LOW level to indicate
it received the eight bits of data.
3.9.5
Data transfer
During data transfer the device samples the SDA line on the leading edge of the SCL clock.
Therefore, for proper device operation the SDA line must be stable during the SCL LOW to
HIGH transition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com