Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7515 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA7515
Description  RF front-end for AM/FM-DSP car radios with IF sampling
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7515 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA7515 Datasheet HTML 1Page - STMicroelectronics TDA7515 Datasheet HTML 2Page - STMicroelectronics TDA7515 Datasheet HTML 3Page - STMicroelectronics TDA7515 Datasheet HTML 4Page - STMicroelectronics TDA7515 Datasheet HTML 5Page - STMicroelectronics TDA7515 Datasheet HTML 6Page - STMicroelectronics TDA7515 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Block diagram and pin description
TDA7515
2/7
1
Block diagram and pin description
Figure 1.
Block diagram
Figure 2.
Pin connection
AGC
DIV
1/4
1/8
1/6
1/10
:1/:2/:3
VCO
PLL
LPOUT
LPAM
LPFM
LPHC
REFDIV
AGC
ADJ
Supply
Bus
Interface
AGC
I
Q
2
TV1
TV2
IF 10.7MHz
DAGC
FM
AM
PM
PM
00AT0037
2
2
Fref
18/100kHz
2
2
optional
2
1
23
4
5
67
8
9
10 11
25
24 23
22
21
20
19
18
17
16
15
14
13
12
44
43
42
41
40
39
38
37
36
35
33 32 31 30 29 28 27 26
34
00AT0036
MIXOUT1
AMIN1
AMIN2
FMIFAGCin
AMAGCTC
MIXOUT2
IFIN2
IFIN1
GND
IFINAM
VCC
SCL
GNDPLL
LPHC
LPFM
LPAM/SW
LPREF
LPOUT
VPLL
VCOE
VCOB
GNDVCO



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com