Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF22NM60 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STF22NM60
Description  N-CHANNEL 600V - 0.19 ohm - 22A TO-220/FP/D2PAK/I2PAK/TO-247 MDmesh™ Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF22NM60 Datasheet(HTML) 1 Page - STMicroelectronics

  STF22NM60 Datasheet HTML 1Page - STMicroelectronics STF22NM60 Datasheet HTML 2Page - STMicroelectronics STF22NM60 Datasheet HTML 3Page - STMicroelectronics STF22NM60 Datasheet HTML 4Page - STMicroelectronics STF22NM60 Datasheet HTML 5Page - STMicroelectronics STF22NM60 Datasheet HTML 6Page - STMicroelectronics STF22NM60 Datasheet HTML 7Page - STMicroelectronics STF22NM60 Datasheet HTML 8Page - STMicroelectronics STF22NM60 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
ADVANCED DATA
June 2003
STP22NM60 - STF22NM60
STB22NM60 - STB22NM60-1 - STW22NM60
N-CHANNEL 600V - 0.19
Ω - 22A TO-220/FP/D2PAK/I2PAK/TO-247
MDmesh™Power MOSFET
1
2
3
1
3
1
2
3
TO-220FP
I2PAK
D2PAK
1
2
3
1
2
3
TO-220
TO-247
s
TYPICAL RDS(on) = 0.19Ω
s
HIGH dv/dt AND AVALANCHE CAPABILITIES
s
100% AVALANCHE TESTED
s
LOW INPUT CAPACITANCE AND GATE CHARGE
s
LOW GATE INPUT RESISTANCE
DESCRIPTION
This improved version of MDmesh™ which is based
on Multiple Drain process represents the new bench-
mark in high voltage MOSFETs. The resulting product
exhibits even lower on-resistance, impressively high
dv/dt and excellent avalanche characteristics. The
adoption of the Company’s proprietary strip technique
yields overall performances that are significantly better
than that of similar competition’s products.
APPLICATIONS
The MDmesh™ family is very suitable for increasing
power density of high voltage converters allowing sys-
tem miniaturization and higher efficiencies.
ORDERING INFORMATION
TYPE
VDSS
RDS(on)
Rds(on)*Qg
ID
STP22NM60
STF22NM60
STB22NM60
STB22NM60-1
STW22NM60
600 V
600 V
600 V
600 V
600 V
< 0.25
Ω
< 0.25
Ω
< 0.25
Ω
< 0.25
Ω
< 0.25
Ω
7.6
Ω*nC
7.6
Ω*nC
7.6
Ω*nC
7.6
Ω*nC
7.6
Ω*nC
22 A
22 A
22 A
22 A
22 A
SALES TYPE
MARKING
PACKAGE
PACKAGING
STP22NM60
P22NM60
TO-220
TUBE
STF22NM60
F22NM60
TO-220FP
TUBE
STB22NM60
B22NM60T4
D
²PAK
TAPE & REEL
STB22NM60-1
B22NM60-1
I
²PAK
TUBE
STW22NM60
W22NM60
TO-247
TUBE
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STF22NM60

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STF22NM60 ISC-STF22NM60 Datasheet
318Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STF22NM60N STMICROELECTRONICS-STF22NM60N Datasheet
994Kb / 23P
N-channel 600 V, 0.2 廓, 16 A MDmesh??II Power MOSFET
05-Nov-2011
logo
Inchange Semiconductor ...
STF22NM60N ISC-STF22NM60N Datasheet
290Kb / 2P
Isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
STF22NM60N VBSEMI-STF22NM60N Datasheet
1Mb / 11P
N-Channel 650-V (D-S) Super Junction MOSFET
logo
STMicroelectronics
STF22NM60ND STMICROELECTRONICS-STF22NM60ND Datasheet
790Kb / 13P
Automotive-grade N-channel 600 V, 0.17 Ω typ., 17 A FDmesh™ II Power MOSFET in a TO-220FP package
03-Aug-2015
More results

Similar Description - STF22NM60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP11NM80 STMICROELECTRONICS-STP11NM80 Datasheet
582Kb / 14P
N-CHANNEL 800V - 0.35ohm - 11A TO-220/FP/D2PAK/TO-247 MDmesh Power MOSFET
20-Oct-2005
STP14NK60Z STMICROELECTRONICS-STP14NK60Z Datasheet
672Kb / 17P
N-CHANNEL 600V-0.45ohm-13.5A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH Power MOSFET
06-Sep-2005
STP20NM50 STMICROELECTRONICS-STP20NM50 Datasheet
532Kb / 16P
N-CHANNEL 500V - 0.20ohm - 20A TO-220/FP/D2PAK/I2PAK MDmesh Power MOSFET
05-Sep-2005
STP20NM60 STMICROELECTRONICS-STP20NM60 Datasheet
355Kb / 15P
N-CHANNEL 600V - 0.25ohm - 20A TO-220/FP/D2PAK/I2PAK MDmesh Power MOSFET
17-Feb-2005
STP21NM60N STMICROELECTRONICS-STP21NM60N Datasheet
672Kb / 16P
N-CHANNEL 600V - 0.19 Ohm - 17 A TO-220/FP/D2/I2PAK/TO-247 SECOND GENERATION MDmesh MOSFET
26-Oct-2005
STP11NM60 STMICROELECTRONICS-STP11NM60_07 Datasheet
364Kb / 16P
N-channel 650V TJmax - 0.4OHM - 11A TO-220/FP/D2PAK/I2PAK MDmesh Power MOSFET
12-Jan-2007
STB12NM60N STMICROELECTRONICS-STB12NM60N Datasheet
591Kb / 18P
N-channel 600V - 0.35Ω - 10A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh??Power MOSFET
23-Apr-2007
STB20NM60-1 STMICROELECTRONICS-STB20NM60-1 Datasheet
440Kb / 18P
N-channel 600V - 0.25Ω - 20A - TO-247 - TO-220/FP - D2/I2PAK MDmesh??Power MOSFET
27-Aug-2007
STB15NM60N STMICROELECTRONICS-STB15NM60N Datasheet
607Kb / 18P
N-channel 600V - 0.270Ω - 14A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh??Power MOSFET
03-May-2007
STB25NM50N STMICROELECTRONICS-STB25NM50N_07 Datasheet
514Kb / 18P
N-channel 500V - 0.11廓 - 22A - TO-220 /FP- I2/D2PAK - TO-247 Second generation MDmesh??Power MOSFET
19-Jan-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com