Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48Z58 Datasheet(PDF) 5 Page - STMicroelectronics

Part # M48Z58
Description  5V, 64Kbit (8Kbit x 8) ZEROPOWER SRAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z58 Datasheet(HTML) 5 Page - STMicroelectronics

  M48Z58 Datasheet HTML 1Page - STMicroelectronics M48Z58 Datasheet HTML 2Page - STMicroelectronics M48Z58 Datasheet HTML 3Page - STMicroelectronics M48Z58 Datasheet HTML 4Page - STMicroelectronics M48Z58 Datasheet HTML 5Page - STMicroelectronics M48Z58 Datasheet HTML 6Page - STMicroelectronics M48Z58 Datasheet HTML 7Page - STMicroelectronics M48Z58 Datasheet HTML 8Page - STMicroelectronics M48Z58 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
M48Z58, M48Z58Y
Description
5/23
1
Description
The M48Z58/Y ZEROPOWER® RAM is an 8Kbit x 8 non-volatile static RAM that integrates
power-fail deselect circuitry and battery control logic on a single die. The monolithic chip is
available in two special packages to provide a highly integrated battery backed-up memory
solution.
The M48Z58/Y is a non-volatile pin and function equivalent to any JEDEC standard 8K x 8
SRAM. It also easily fits into many ROM, EPROM, and EEPROM sockets, providing the
non-volatility of PROMs without any requirement for special WRITE timing or limitations on
the number of WRITEs that can be performed.
The 28-pin, 600mil DIP CAPHAT™ houses the M48Z58/Y silicon with a long life lithium
button cell in a single package.
The 28-pin, 330mil SOIC provides sockets with gold plated contacts at both ends for direct
connection to a separate SNAPHAT® housing containing the battery. The unique design
allows the SNAPHAT battery package to be mounted on top of the SOIC package after the
completion of the surface mount process. Insertion of the SNAPHAT housing after reflow
prevents potential battery damage due to the high temperatures required for device surface-
mounting. The SNAPHAT housing is keyed to prevent reverse insertion.
The SOIC and battery packages are shipped separately in plastic anti-static tubes or in Tape
& Reel form.
For the 28-lead SOIC, the battery package (e.g., SNAPHAT) part number is “M4Z28-
BR00SH1” (see Table 16 on page 21).
Figure 1.
Logic diagram
AI01176B
13
A0-A12
W
DQ0-DQ7
VCC
M48Z58
M48Z58Y
G
VSS
8
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com