Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7563ASM Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7563ASM
Description  4 x 50W multifunction quad power amplifier with built-in diagnostics feature
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7563ASM Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA7563ASM Datasheet HTML 2Page - STMicroelectronics TDA7563ASM Datasheet HTML 3Page - STMicroelectronics TDA7563ASM Datasheet HTML 4Page - STMicroelectronics TDA7563ASM Datasheet HTML 5Page - STMicroelectronics TDA7563ASM Datasheet HTML 6Page - STMicroelectronics TDA7563ASM Datasheet HTML 7Page - STMicroelectronics TDA7563ASM Datasheet HTML 8Page - STMicroelectronics TDA7563ASM Datasheet HTML 9Page - STMicroelectronics TDA7563ASM Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
Block, pins connection and application diagrams
TDA7563A
6/35
Figure 3.
Pin connections - Flexiwatt27 (Top view)
Figure 4.
Pin connections - PowerSO36 (Top view)
D00AU1416
TAB
STBY
PW_GND LR
OUT LR-
CD-OUT
OUT LR+
VCC1
OUT LF-
PW_GND LF
OUT LF+
SVR
IN LF
IN LR
S_GND
IN RR
IN RF
AC GND
OUT RF+
PW_GND RF
OUT RF-
VCC2
CK
OUT RR-
OUT RR+
PW_GND RR
DATA
TAB
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
25
26
22
21
23
24
27
Flexiwatt 27 (horizontal/SMD)
D00AU1230
TAB
STBY
PW_GND LR
OUT LR-
CD-OUT
OUT LR+
VCC1
OUT LF-
PW_GND LF
OUT LF+
SVR
IN LF
IN LR
S_GND
IN RR
IN RF
AC GND
OUT RF+
PW_GND RF
OUT RF-
VCC2
CK
OUT RR-
OUT RR+
PW_GND RR
DATA
TAB
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
25
26
22
21
23
24
27
Flexiwatt 27 (vertical)
CD
N.C.
N.C.
OUT2+
PWGND
OUT4+
N.C.
N.C.
CK
OUT3-
N.C.
N.C.
OUT3+
PWGND
PWGND
N.C.
OUT1-
VCC
18
16
17
15
6
5
4
3
2
21
22
31
32
33
35
34
36
20
1
19
TAB
VCC
D04AU1547A
OUT4-
VCC
DATA
ACGND
IN4
IN3
9
8
7
28
29
30
OUT2-
SGND
10
27
N.C.
STBY
VCC
IN2
OUT1+
IN1
14
12
11
23
25
26
PWGND
SVR
13
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com