Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7563APD Datasheet(PDF) 31 Page - STMicroelectronics

Part # TDA7563APD
Description  4 x 50W multifunction quad power amplifier with built-in diagnostics feature
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7563APD Datasheet(HTML) 31 Page - STMicroelectronics

Back Button TDA7563APD Datasheet HTML 27Page - STMicroelectronics TDA7563APD Datasheet HTML 28Page - STMicroelectronics TDA7563APD Datasheet HTML 29Page - STMicroelectronics TDA7563APD Datasheet HTML 30Page - STMicroelectronics TDA7563APD Datasheet HTML 31Page - STMicroelectronics TDA7563APD Datasheet HTML 32Page - STMicroelectronics TDA7563APD Datasheet HTML 33Page - STMicroelectronics TDA7563APD Datasheet HTML 34Page - STMicroelectronics TDA7563APD Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 35 page
background image
TDA7563A
Package information
31/35
Figure 33.
Flexiwatt27 (SMD) mechanical data and package dimensions
OUTLINE AND
MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
4.45
4.50
4.65
0.1752
0.1772
0.1831
B
2.12
2.22
2.32
0.0835
0.0874
0.0913
C
1.40
0.0551
D
2.00
0.0787
E
0.36
0.40
0.44
0.0142
0.0157
0.0173
F**
0.47
0.51
0.57
0.0185
0.0201
0.0224
G(*)
0.75
1.00
1.25
0.0295
0.0394
0.0492
G1
25.70
26.00
26.30
1.0118
1.0236
1.0354
G2(*)
1.75
2.00
2.25
0.0689
0.0787
0.0886
H(**)
28.85
29.23
29.40
1.1358
1.1508
1.1575
H1
17.00
0.6693
H2
12.80
0.5039
H3
0.80
0.0315
L(**)
15.50
15.70
15.90
0.6102
0.6181
0.6260
L1
7.70
7.85
7.95
0.3031
0.3091
0.3130
L2
14.00
14.20
14.40
0.5512
0.5591
0.5669
L3
11.80
12.00
12.20
0.4646
0.4724
0.4803
L4
1.30
1.48
1.66
0.0512
0.0583
0.0654
L5
2.42
2.50
2.58
0.0953
0.0984
0.1016
L6
0.42
0.50
0.58
0.0165
0.0197
0.0228
M
1.50
0.0591
N
2.20
0.0866
N1
1.30
1.48
1.66
0.0512
0.0583
0.0654
N2(*)
2.73
2.83
2.93
0.1075
0.1114
0.1154
P(*)
4.73
4.83
4.93
0.1862
0.1902
0.1941
R
1.70
0.0669
R1
0.30
0.0118
R2
0.35
0.40
0.45
0.0138
0.0157
0.0177
R3
0.35
0.40
0.45
0.0138
0.0157
0.0177
R4
0.50
0.0197
T(*)
-0.08
0.10
-0.0031
0.0039
aaa(*)
0.1
0.0039
V
45˚
45˚
V1
3˚
3˚
V2
3˚
5˚
7˚
3˚
5˚
7˚
V3
12˚
15˚
18˚
12˚
15˚
18˚
V4
5˚
5˚
V5
20˚
20˚
Flexiwatt27
(SMD)
7993733 B
(*) Golden parameters
(**) – Dimension “F” doesn’t include dam-bar protrusion.
– Dimensions "H” and “L" include mold flash or protrusions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com