Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48Z512BV Datasheet(PDF) 17 Page - STMicroelectronics

Part # M48Z512BV
Description  3.3 V, 4 Mbit (512 K x 8 bit) ZEROPOWER SRAM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z512BV Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M48Z512BV Datasheet HTML 12Page - STMicroelectronics M48Z512BV Datasheet HTML 13Page - STMicroelectronics M48Z512BV Datasheet HTML 14Page - STMicroelectronics M48Z512BV Datasheet HTML 15Page - STMicroelectronics M48Z512BV Datasheet HTML 16Page - STMicroelectronics M48Z512BV Datasheet HTML 17Page - STMicroelectronics M48Z512BV Datasheet HTML 18Page - STMicroelectronics M48Z512BV Datasheet HTML 19Page - STMicroelectronics M48Z512BV Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
M48Z512BV
Package mechanical data
17/20
5
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. ECOPACK® packages are lead-free. The category of second Level Interconnect
is marked on the package and on the inner box label, in compliance with JEDEC Standard
JESD97. The maximum ratings related to soldering conditions are also marked on the inner
box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
Figure 11.
PMDIP32 – 32-pin plastic DIP module, package outline
1.
Drawing is not to scale.
Table 11.
PMDIP32 – 32-pin plastic DIP module, package mechanical data
Symb
mm
inches
Typ
Min
Max
Typ
Min
Max
A
9.27
9.52
0.365
0.375
A1
0.38
0.015
B
0.43
0.59
0.017
0.023
C
0.20
0.33
0.008
0.013
D
42.42
43.18
1.670
1.700
E
18.03
18.80
0.710
0.740
e1
2.29
2.79
0.090
0.110
e3
38.10
1.50
eA
14.99
16.00
0.590
0.630
L
3.05
3.81
0.120
0.150
S
1.91
2.79
0.075
0.110
N32
32
PMDIP
A1
A
L
B
e1
D
E
N
1
eA
e3
S
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com