Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC30K Datasheet(PDF) 2 Page - STMicroelectronics

Part # M54HC30K
Description  RAD-HARD 8-INPUT NAND GATE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC30K Datasheet(HTML) 2 Page - STMicroelectronics

  M54HC30K Datasheet HTML 1Page - STMicroelectronics M54HC30K Datasheet HTML 2Page - STMicroelectronics M54HC30K Datasheet HTML 3Page - STMicroelectronics M54HC30K Datasheet HTML 4Page - STMicroelectronics M54HC30K Datasheet HTML 5Page - STMicroelectronics M54HC30K Datasheet HTML 6Page - STMicroelectronics M54HC30K Datasheet HTML 7Page - STMicroelectronics M54HC30K Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
M54HC30
2/8
IEC LOGIC SYMBOLS
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
PIN N°
SYMBOL
NAME AND FUNCTION
1, 2, 3, 4, 5,
6, 11, 12
A, B, C, D, E,
F, G, H,
Data Inputs
9, 10, 13
NC
Not connected
8
Y
Data Output
7
GND
Ground (0V)
14
VCC
Positive Supply Voltage
A
B
C
DE
FG
HY
L
X
X
XXXX
X
H
X
L
X
XXXX
X
H
XX
L
XXXX
X
H
XXX
L
XXX
X
H
XXX
X
L
XX
X
H
XXX
XX
L
X
X
H
XXX
XXX
L
X
H
XXX
XXXX
L
H
HHH
HHHH
H
L



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com