Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS482IST Datasheet(PDF) 19 Page - STMicroelectronics

Part # TS482IST
Description  100mW Stereo Headphone Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS482IST Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TS482IST Datasheet HTML 15Page - STMicroelectronics TS482IST Datasheet HTML 16Page - STMicroelectronics TS482IST Datasheet HTML 17Page - STMicroelectronics TS482IST Datasheet HTML 18Page - STMicroelectronics TS482IST Datasheet HTML 19Page - STMicroelectronics TS482IST Datasheet HTML 20Page - STMicroelectronics TS482IST Datasheet HTML 21Page - STMicroelectronics TS482IST Datasheet HTML 22Page - STMicroelectronics TS482IST Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
Electrical Characteristics
TS482
19/26
Figure 61. Crosstalk vs. frequency
Figure 62. Crosstalk vs. frequency
Figure 63. Crosstalk vs. frequency
Figure 64. Crosstalk vs. frequency
Figure 65. Crosstalk vs. frequency
Figure 66. Lower cut off frequency vs. output
capacitor
100
1000
10000
20
40
60
80
100
ChB to ChA
ChA to ChB
RL=8
Ω
Vcc=5V
Pout=100mW
Av=-1
Bw < 125kHz
Tamb=25
°C
20k
20
Frequency (Hz)
100
1000
10000
20
40
60
80
100
ChB to ChA
ChA to ChB
RL=16
Ω
Vcc=5V
Pout=90mW
Av=-1
Bw < 125kHz
Tamb=25
°C
20k
20
Frequency (Hz)
100
1000
10000
20
40
60
80
100
ChB to ChA & ChA to Chb
RL=32
Ω
Vcc=5V
Pout=60mW
Av=-1
Bw < 125kHz
Tamb=25
°C
20k
20
Frequency (Hz)
100
1000
10000
0
20
40
60
80
100
120
ChB to ChA & ChA to Chb
RL=600
Ω
Vcc=5V
Vout=1.4Vrms
Av=-1
Bw < 125kHz
Tamb=25
°C
20k
20
Frequency (Hz)
100
1000
10000
0
20
40
60
80
100
120
ChB to ChA & ChA to Chb
RL=5k
Ω
Vcc=5V
Vout=1.5Vrms
Av=-1
Bw < 125kHz
Tamb=25
°C
20k
20
Frequency (Hz)
200 400 600 800 1000 1200 1400 1600 1800 2000 2200
1
10
100
1000
RL=32
Ω
RL=16
Ω
RL=8
Ω
Output Capacitor Cout ( F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com