Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2012FC Datasheet(PDF) 27 Page - STMicroelectronics

Part # TS2012FC
Description  Filter-free flip-chip stereo 2x2.5 W class D audio power amplifer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS2012FC Datasheet(HTML) 27 Page - STMicroelectronics

Back Button TS2012FC Datasheet HTML 23Page - STMicroelectronics TS2012FC Datasheet HTML 24Page - STMicroelectronics TS2012FC Datasheet HTML 25Page - STMicroelectronics TS2012FC Datasheet HTML 26Page - STMicroelectronics TS2012FC Datasheet HTML 27Page - STMicroelectronics TS2012FC Datasheet HTML 28Page - STMicroelectronics TS2012FC Datasheet HTML 29Page - STMicroelectronics TS2012FC Datasheet HTML 30Page - STMicroelectronics TS2012FC Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
TS2012FC
Package information
27/31
5
Package information
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
Figure 41.
Flip-chip package mechanical drawing
Die size: 2.1x2.1 mm ± 30µm
Die height (including bumps):
600µm
Bump diameter: 315µm ±50µm
Bump diameter before reflow:
300µm ±10µm
Bump height: 250µm ±40µm
Die height: 350µm ±20µm
Pitch: 500µm ±50µm
Bump Coplanarity: 60µm max
Optional*: Back coating height:
40µm
500
μm
2.1 mm
2.1 mm
600
μm
40
μm*
G1
INL+
250
μm
500
μm
2.1 mm
2.1 mm
600
μm
40
μm*
G1
INL+
250
μm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com