Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC74D Datasheet(PDF) 1 Page - STMicroelectronics

Part # M54HC74D
Description  RAD HARD DUAL D TYPE FLIP FLOP WITH PRESET AND CLEAR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC74D Datasheet(HTML) 1 Page - STMicroelectronics

  M54HC74D Datasheet HTML 1Page - STMicroelectronics M54HC74D Datasheet HTML 2Page - STMicroelectronics M54HC74D Datasheet HTML 3Page - STMicroelectronics M54HC74D Datasheet HTML 4Page - STMicroelectronics M54HC74D Datasheet HTML 5Page - STMicroelectronics M54HC74D Datasheet HTML 6Page - STMicroelectronics M54HC74D Datasheet HTML 7Page - STMicroelectronics M54HC74D Datasheet HTML 8Page - STMicroelectronics M54HC74D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
June 2004
s
HIGH SPEED:
fMAX = 67MHz (TYP.) at VCC =6V
s
LOW POWER DISSIPATION:
ICC =2µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH =VNIL = 28% VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|= IOL =4mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
54 SERIES 74
s
SPACE GRADE-1: ESA SCC QUALIFIED
s
50 krad QUALIFIED, 100 krad AVAILABLE ON
REQUEST
s
NO SEL UNDER HIGH LET HEAVY IONS
IRRADIATION
s
DEVICE FULLY COMPLIANT WITH
SCC-9203-050
DESCRIPTION
The M54HC74 is an high speed CMOS DUAL D
TYPE FLIP FLOP WITH CLEAR fabricated with
silicon gate C2MOS technology.
A signal on the D INPUT is transferred on the Q
OUTPUT during the positive going transition of the
clock
pulse.
CLEAR
and
PRESET
are
independent of the clock and accomplished by a
low on the appropriate input.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M54HC74
RAD HARD DUAL D TYPE FLIP FLOP
WITH PRESET AND CLEAR
PIN CONNECTION
ORDER CODES
PACKAGE
FM
EM
DILC
M54HC74D
M54HC74D1
FPC
M54HC74K
M54HC74K1
Rev. 1
DILC-14
FPC-14


Similar Part No. - M54HC74D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC74D STMICROELECTRONICS-M54HC74D Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
More results

Similar Description - M54HC74D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHCT74A STMICROELECTRONICS-74VHCT74A Datasheet
73Kb / 10P
DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
Mar-2000
logo
Toshiba Semiconductor
TC74HCT74AP TOSHIBA-TC74HCT74AP Datasheet
242Kb / 6P
DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
TC74VHCT74AF TOSHIBA-TC74VHCT74AF Datasheet
221Kb / 6P
DUAL D-TYPE FLIP-FLOP WITH PRESET AND CLEAR
logo
Fairchild Semiconductor
74VHCT74A FAIRCHILD-74VHCT74A_99 Datasheet
82Kb / 6P
Dual D-Type Flip-Flop with Preset and Clear
logo
STMicroelectronics
74VHCT74A STMICROELECTRONICS-74VHCT74A_04 Datasheet
423Kb / 14P
DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
16-Dec-2004
M54HC273 STMICROELECTRONICS-M54HC273_04 Datasheet
181Kb / 10P
RAD-HARD OCTAL D TYPE FLIP FLOP WITH CLEAR
Apr-2004
M54HC175 STMICROELECTRONICS-M54HC175_04 Datasheet
268Kb / 10P
RAD-HARD QUAD D-TYPE FLIP FLOP WITH CLEAR
Apr-2004
M54HC73 STMICROELECTRONICS-M54HC73_04 Datasheet
317Kb / 11P
RAD HARD DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
01-Jun-2004
M54HC109 STMICROELECTRONICS-M54HC109_04 Datasheet
177Kb / 10P
RAD-HARD DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
Mar-2004
M54HC112 STMICROELECTRONICS-M54HC112_04 Datasheet
254Kb / 11P
RAD-HARD DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
Mar-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com