Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLD20CP1 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STLD20CP1
Description  Power management for white LED and camera flash
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLD20CP1 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STLD20CP1 Datasheet HTML 4Page - STMicroelectronics STLD20CP1 Datasheet HTML 5Page - STMicroelectronics STLD20CP1 Datasheet HTML 6Page - STMicroelectronics STLD20CP1 Datasheet HTML 7Page - STMicroelectronics STLD20CP1 Datasheet HTML 8Page - STMicroelectronics STLD20CP1 Datasheet HTML 9Page - STMicroelectronics STLD20CP1 Datasheet HTML 10Page - STMicroelectronics STLD20CP1 Datasheet HTML 11Page - STMicroelectronics STLD20CP1 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Electrical characteristics
STLD20CP1
8/19
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V-DM1L V-
DM2L V-
TFL
V-SELL
Low voltage threshold
VI = 2.8V to 6V
0.6
V
I-DM1L
I-DM1L leakage current
V-DM1L = 0V
0.1
0.5
µA
I-DM2L
I-DM2L leakage current
V-DM2L = 0V
0.1
0.5
µA
I-TFL
I-TFL leakage current
V-TFL = 0V
0.1
0.5
µA
I-SELL
I-SELL leakage current
V-SELL = 0V
0.1
0.5
µA
Single-wire pulse dimming
TLO
Duration time of the low
pulse
0.5
250
µs
THI
Duration time of the high
pulse
0.5
µs
TSHDN
Duration time to shut down
the current
500
µs
Initial THI
Duration time required for
the first pulse
50
µs
Flash section charge pump
VIF
Voltage threshold
Flash mode
VI-0.6
V
VIT
Voltage threshold
Torch mode
VI-0.6
V
VFB_CP
Feedback charge pump
I_Torch = 100mA
150
mV
VO_CP
Over voltage charge pump
6
V
IO_CP Max Max current charge pump
Flash mode @ VI ≥ 3V
(1)
300
mA
Torch mode @ VI ≥ 3V
(1)
130
Flash section charge pump
I_Flash
Accuracy current flash
VI = 3.4V, RFL = 1950Ω
-10
10
%
I_Flash
(LINE)
Static line regulation
current flash
K*VIF/RFL = I_Flash, VI = 3.0V to
4.2V @ TJ = 25°C
-10
10
%
I_Torch
Accuracy current torch
VIN = 3.4V, RTH = 7800Ω
-10
10
%
I_Torch
(LINE)
Static line regulation
current torch
K*VIT/RTH = I_Torch,
VI = 3.0V to 4.2V @ TJ = 25°C
-10
10
%
Thermal shutdown
TSD
Thermal shutdown
180
°C
THS
Thermal shutdown
hysteresis
20
°C
1.
Guaranteed by design.
Table 7.
Electrical characteristics for STLD20CP1 (continued) (TJ = -40 °C to 85 °C, VI = 3.4 V, CI
= 2.2 µF, CO1,2 = 2.2 µF, VO_SU = 15 V, VO_CP = 4 V, CCP = 1 µF, CFB_SU = 100 pF, L = 3.3
µH, DM1 = DM2 = 1.6 V, typ. values @ 25 °C, unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com