Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4962IQT Datasheet(PDF) 39 Page - STMicroelectronics

Part # TS4962IQT
Description  2.8W filter-free mono class D audio power amplifier
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4962IQT Datasheet(HTML) 39 Page - STMicroelectronics

Back Button TS4962IQT Datasheet HTML 35Page - STMicroelectronics TS4962IQT Datasheet HTML 36Page - STMicroelectronics TS4962IQT Datasheet HTML 37Page - STMicroelectronics TS4962IQT Datasheet HTML 38Page - STMicroelectronics TS4962IQT Datasheet HTML 39Page - STMicroelectronics TS4962IQT Datasheet HTML 40Page - STMicroelectronics TS4962IQT Datasheet HTML 41Page - STMicroelectronics TS4962IQT Datasheet HTML 42Page - STMicroelectronics TS4962IQT Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
TS4962
Demo board
39/46
5
Demo board
A demo board for the TS4962 is available. For more information about this demo board,
refer to the Application Note AN2406.
Figure 66.
Schematic diagram of mono class D demoboard for the TS4962 DFN
package
Figure 67.
Top view
C1
100nF
C2
100nF
GND
Vcc
Vcc
GND
GND
C3
1uF
GND
R1
150k
R2
150k
In-
Stdby
In+
Out-
Out+
Vcc
1
4
3
7
8
6
5
GND
Internal
Bias
PWM
Output
Bridge
H
Oscillator
150k
150k
+
-
U1
TS4962DFN
1
2
3
Cn1
Input
Cn2
Cn3
1
2
3
Cn4
Cn5
Speaker
Cn6
Gnd
Positive Input
Negative input
Positive Output
Negative Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com