Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC86 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M54HC86
Description  RAD HARD QUAD EXCLUSIVE OR GATE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC86 Datasheet(HTML) 1 Page - STMicroelectronics

  M54HC86 Datasheet HTML 1Page - STMicroelectronics M54HC86 Datasheet HTML 2Page - STMicroelectronics M54HC86 Datasheet HTML 3Page - STMicroelectronics M54HC86 Datasheet HTML 4Page - STMicroelectronics M54HC86 Datasheet HTML 5Page - STMicroelectronics M54HC86 Datasheet HTML 6Page - STMicroelectronics M54HC86 Datasheet HTML 7Page - STMicroelectronics M54HC86 Datasheet HTML 8Page - STMicroelectronics M54HC86 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
June 2004
s
HIGH SPEED:
tPD = 12ns (TYP.) at VCC =6V
s
LOW POWER DISSIPATION:
ICC =1µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH =VNIL = 28% VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|= IOL =4mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
54 SERIES 86
s
SPACE GRADE-1: ESA SCC QUALIFIED
s
50 krad QUALIFIED, 100 krad AVAILABLE ON
REQUEST
s
NO SEL UNDER HIGH LET HEAVY IONS
IRRADIATION
s
DEVICE FULLY COMPLIANT WITH
SCC-9201-119
DESCRIPTION
The M54HC86is anhighspeed CMOS QUAD
EXCLUSIVE OR GATE fabricated with silicon
gate C2MOS technology.
Input and output buffer are installed, which
enables high noise immunity and stable output.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M54HC86
RAD HARD QUAD EXCLUSIVE OR GATE
PIN CONNECTION
ORDER CODES
PACKAGE
FM
EM
DILC
M54HC86D
M54HC86D1
FPC
M54HC86K
M54HC86K1
DILC-14
FPC-14
Rev. 1


Similar Part No. - M54HC86

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC86 STMICROELECTRONICS-M54HC86 Datasheet
232Kb / 9P
QUAD EXCLUSIVE OR GATE
Dec-1992
M54HC86 STMICROELECTRONICS-M54HC86 Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
M54HC86D STMICROELECTRONICS-M54HC86D Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
M54HC86F1R STMICROELECTRONICS-M54HC86F1R Datasheet
232Kb / 9P
QUAD EXCLUSIVE OR GATE
Dec-1992
M54HC86K STMICROELECTRONICS-M54HC86K Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
More results

Similar Description - M54HC86

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4030B STMICROELECTRONICS-HCC4030B Datasheet
276Kb / 12P
QUAD EXCLUSIVE-OR GATE
Nov-1996
M54HC86 STMICROELECTRONICS-M54HC86 Datasheet
232Kb / 9P
QUAD EXCLUSIVE OR GATE
Dec-1992
M74HCT86-2 STMICROELECTRONICS-M74HCT86-2 Datasheet
174Kb / 8P
QUAD EXCLUSIVE OR GATE
Sep-2001
logo
Toshiba Semiconductor
TC74HCT86AP TOSHIBA-TC74HCT86AP Datasheet
175Kb / 4P
QUAD EXCLUSIVE OR GATE
TC74LVX86F TOSHIBA-TC74LVX86F Datasheet
240Kb / 8P
QUAD EXCLUSIVE OR GATE
TC74VHC86F TOSHIBA-TC74VHC86F Datasheet
201Kb / 5P
QUAD EXCLUSIVE OR GATE
logo
National Semiconductor ...
CD4030M NSC-CD4030M Datasheet
97Kb / 4P
Quad EXCLUSIVE-OR Gate
logo
STMicroelectronics
M54HC32 STMICROELECTRONICS-M54HC32_04 Datasheet
103Kb / 7P
RAD-HARD QUAD 2-INPUT OR GATE
Apr-2004
logo
Unisonic Technologies
U74ACT86 UTC-U74ACT86 Datasheet
133Kb / 4P
QUAD EXCLUSIVE OR GATE
logo
STMicroelectronics
LEOAC32 STMICROELECTRONICS-LEOAC32 Datasheet
505Kb / 17P
Rad-hard plastic quad two-input OR gate
31-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com