Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLM75 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STLM75
Description  Digital temperature sensor and thermal watchdog
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLM75 Datasheet(HTML) 1 Page - STMicroelectronics

  STLM75 Datasheet HTML 1Page - STMicroelectronics STLM75 Datasheet HTML 2Page - STMicroelectronics STLM75 Datasheet HTML 3Page - STMicroelectronics STLM75 Datasheet HTML 4Page - STMicroelectronics STLM75 Datasheet HTML 5Page - STMicroelectronics STLM75 Datasheet HTML 6Page - STMicroelectronics STLM75 Datasheet HTML 7Page - STMicroelectronics STLM75 Datasheet HTML 8Page - STMicroelectronics STLM75 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
July 2008
Rev 9
1/37
1
STLM75
Digital temperature sensor and thermal watchdog
Features
Measures temperatures from –55°C to +125°C
(–67°F to +257°F)
– ±2°C accuracy from 25°C to +100°C
(max)
Low operating current: 125 µA (typ)
No external components required
2-wire I2C/SMBus-compatible serial interface
– Supports bus time-out feature
– Selectable bus address allows connection
of up to eight devices on the bus
Wide power supply range-operating voltage
range: 2.7 V to 5.5 V
Conversion time is 150 ms (max)
Programmable temperature threshold and
hysteresis set points
Pin- and software-compatible with LM75 (drop-
in replacement)
Power-up defaults permit standalone operation
as a thermostat
Shutdown mode to minimize power
consumption
Output pin (open drain) can be configured for
interrupt or comparator/thermostat mode (dual
purpose event pin)
Packages:
–SO8
– MSOP8 (TSSOP8)
SO8 (M)
MSOP8
(TSSOP8) (DS)
www.st.com


Similar Part No. - STLM75

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLM75 STMICROELECTRONICS-STLM75 Datasheet
308Kb / 37P
Digital temperature sensor and thermal watchdog
06-Jun-2007
STLM75DS2E STMICROELECTRONICS-STLM75DS2E Datasheet
308Kb / 37P
Digital temperature sensor and thermal watchdog
06-Jun-2007
STLM75DS2F STMICROELECTRONICS-STLM75DS2F Datasheet
308Kb / 37P
Digital temperature sensor and thermal watchdog
06-Jun-2007
STLM75M2E STMICROELECTRONICS-STLM75M2E Datasheet
308Kb / 37P
Digital temperature sensor and thermal watchdog
06-Jun-2007
STLM75M2F STMICROELECTRONICS-STLM75M2F Datasheet
308Kb / 37P
Digital temperature sensor and thermal watchdog
06-Jun-2007
More results

Similar Description - STLM75

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LM75A PHILIPS-LM75A Datasheet
126Kb / 18P
Digital temperature sensor and thermal Watchdog
2004 Oct 05
logo
STMicroelectronics
STDS75 STMICROELECTRONICS-STDS75 Datasheet
306Kb / 37P
Digital temperature sensor and thermal watchdog
06-Jun-2007
STCN75 STMICROELECTRONICS-STCN75 Datasheet
291Kb / 35P
Digital temperature sensor and thermal watchdog
06-Jun-2007
STLM75 STMICROELECTRONICS-STLM75 Datasheet
308Kb / 37P
Digital temperature sensor and thermal watchdog
06-Jun-2007
STTS75 STMICROELECTRONICS-STTS75_08 Datasheet
334Kb / 39P
Digital temperature sensor and thermal watchdog
18-Jul-2008
STCN75 STMICROELECTRONICS-STCN75_08 Datasheet
315Kb / 35P
Digital temperature sensor and thermal watchdog
17-Jul-2008
STDS75 STMICROELECTRONICS-STDS75_08 Datasheet
326Kb / 37P
Digital temperature sensor and thermal watchdog
17-Jul-2008
logo
NXP Semiconductors
LM75A NXP-LM75A Datasheet
145Kb / 24P
Digital temperature sensor and thermal watchdog
Rev. 04-10 July 2007
LM75AD.112 NXP-LM75AD.112 Datasheet
145Kb / 24P
Digital temperature sensor and thermal watchdog
Rev. 04-10 July 2007
LM75B NXP-LM75B_V01 Datasheet
555Kb / 37P
Digital temperature sensor and thermal watchdog
Rev. 6.1-6 February 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com