Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLM20W89F Datasheet(PDF) 12 Page - STMicroelectronics

Part # STLM20W89F
Description  Ultra-low current 2.4V precision analog temperature sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLM20W89F Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STLM20W89F Datasheet HTML 8Page - STMicroelectronics STLM20W89F Datasheet HTML 9Page - STMicroelectronics STLM20W89F Datasheet HTML 10Page - STMicroelectronics STLM20W89F Datasheet HTML 11Page - STMicroelectronics STLM20W89F Datasheet HTML 12Page - STMicroelectronics STLM20W89F Datasheet HTML 13Page - STMicroelectronics STLM20W89F Datasheet HTML 14Page - STMicroelectronics STLM20W89F Datasheet HTML 15Page - STMicroelectronics STLM20W89F Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Package mechanical data
STLM20
12/16
7
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
Figure 5.
SOT323-5 – 5-lead small outline transistor package outline
1.
Drawing is not to scale.
Table 8.
SOT323-5 – 5-lead small outline transistor package mechanical data
Symbol
mm
inches
Typ
Min
Max
Typ
Min
Max
A
–
0.80
1.10
–
0.031
0.043
A1
–
0
0.10
–
0
0.004
A2
0.90
–
–
0.035
–
–
b
–
0.15
0.30
–
0.006
0.012
C
–
0.10
0.20
–
0.004
0.008
D
2.00
1.90
2.10
0.079
0.075
0.083
E
–
1.80
2.40
–
0.071
0.094
E1
1.25
1.15
1.35
0.049
0.045
0.053
e0.65–
–
0.026
–
–
e1
1.30
–
–
0.051
–
–
L0.52–
–
0.020
–
–
L1
0.40
0.35
0.45
0.016
0.014
0.018
s–
0°
5°
–
0°
5°
SOT323-5
0.10 C
A
A2
A1
5X
C
e1
D
e
5X b
E
B
E1
A
M
0.10
C A
B
s
s
1
C
L1
s
L
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com