Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLM75DS2F Datasheet(PDF) 6 Page - STMicroelectronics

Part # STLM75DS2F
Description  Digital temperature sensor and thermal watchdog
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLM75DS2F Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STLM75DS2F Datasheet HTML 2Page - STMicroelectronics STLM75DS2F Datasheet HTML 3Page - STMicroelectronics STLM75DS2F Datasheet HTML 4Page - STMicroelectronics STLM75DS2F Datasheet HTML 5Page - STMicroelectronics STLM75DS2F Datasheet HTML 6Page - STMicroelectronics STLM75DS2F Datasheet HTML 7Page - STMicroelectronics STLM75DS2F Datasheet HTML 8Page - STMicroelectronics STLM75DS2F Datasheet HTML 9Page - STMicroelectronics STLM75DS2F Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
Description
STLM75
6/37
1
Description
The STLM75 is a high-precision digital CMOS temperature sensor IC with a sigma-delta
temperature-to-digital converter and an I2C-compatible serial digital interface (see Figure 1
on page 7). It is targeted for general applications such as personal computers, system
thermal management, electronics equipment, and industrial controllers, and is packaged in
the industry standard 8-lead TSSOP and SO8 packages.
The device contains a band gap temperature sensor and 9-bit ADC which monitor and
digitize the temperature to a resolution up to 0.5°C. The STLM75 is typically accurate to
(±3°C - max) over the full temperature measurement range of –55°C to 125°C with ±2°C
accuracy in the –25°C to +100°C range. The STLM75 is pin-for-pin and software compatible
with the LM75B.
STLM75 is specified for operating at supply voltages from 2.7 V to 5.5 V. Operating at 3.3 V,
the supply current is typically (125 µA).
The on-board sigma-delta analog-to-digital converter (ADC) converts the measured
temperature to a digital value that is calibrated in degrees centigrade; for Fahrenheit
applications a lookup table or conversion routine is required.
The STLM75 is factory-calibrated and requires no external components to measure
temperature.
1.1
Serial communications
The STLM75 has a simple 2-wire I2C-compatible digital serial interface which allows the
user to access the data in the temperature register at any time. It communicates via the
serial interface with a master controller which operates at speeds up to 400 kHz. Three pins
(A0, A1, and A2) are available for address selection, and enable the user to connect up to 8
devices on the same bus without address conflict.
In addition, the serial interface gives the user easy access to all STLM75 registers to
customize operation of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com