Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC112 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M54HC112
Description  RAD-HARD DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC112 Datasheet(HTML) 1 Page - STMicroelectronics

  M54HC112 Datasheet HTML 1Page - STMicroelectronics M54HC112 Datasheet HTML 2Page - STMicroelectronics M54HC112 Datasheet HTML 3Page - STMicroelectronics M54HC112 Datasheet HTML 4Page - STMicroelectronics M54HC112 Datasheet HTML 5Page - STMicroelectronics M54HC112 Datasheet HTML 6Page - STMicroelectronics M54HC112 Datasheet HTML 7Page - STMicroelectronics M54HC112 Datasheet HTML 8Page - STMicroelectronics M54HC112 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
March 2004
s
HIGH SPEED:
fMAX = 79MHz (TYP.) at VCC =6V
s
LOW POWER DISSIPATION:
ICC =2µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH =VNIL = 28% VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|= IOL =4mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
54 SERIES 112
s
SPACE GRADE-1: ESA SCC QUALIFIED
s
50 krad QUALIFIED, 100 krad AVAILABLE ON
REQUEST
s
NO SEL UNDER HIGH LET HEAVY IONS
IRRADIATION
s
DEVICE FULLY COMPLIANT WITH
SCC-9203-051
DESCRIPTION
The M54HC112 is an high speed CMOS DUAL
J-K FLIP-FLOP WITH PRESET AND CLEAR
fabricated with silicon gate C2MOS technology.
The
M54HC112
dual
JK
flip-flop
features
individual J, K, clock, and asynchronous set and
clear inputs for each flip-flop. When the clock goes
high, the inputs are enabled and data will be
accepted. The logic level of the J and K inputs
may be allowed to change when the clock pulse is
high and the bistable will function as shown in the
truth table. Input data is transferred to the input on
the negative going edge of the clock pulse.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M54HC112
RAD-HARD DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
PIN CONNECTION
ORDER CODES
PACKAGE
FM
EM
DILC
M54HC112D
M54HC112D1
FPC
M54HC112K
M54HC112K1
DILC-16
FPC-16


Similar Part No. - M54HC112

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC112 STMICROELECTRONICS-M54HC112 Datasheet
251Kb / 11P
DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
Oct-1992
M54HC112F1R STMICROELECTRONICS-M54HC112F1R Datasheet
251Kb / 11P
DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
Oct-1992
More results

Similar Description - M54HC112

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC109 STMICROELECTRONICS-M54HC109 Datasheet
249Kb / 11P
DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
Dec-1992
M54HC112 STMICROELECTRONICS-M54HC112 Datasheet
251Kb / 11P
DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
Oct-1992
M54HC76 STMICROELECTRONICS-M54HC76 Datasheet
251Kb / 11P
DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
Oct-1992
M74HC73 STMICROELECTRONICS-M74HC73 Datasheet
247Kb / 11P
DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
Oct-1992
logo
Toshiba Semiconductor
TC74HC112AFN TOSHIBA-TC74HC112AFN Datasheet
275Kb / 7P
DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
TC74AC112P TOSHIBA-TC74AC112P Datasheet
277Kb / 7P
DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
TC74HC112AP TOSHIBA-TC74HC112AP_07 Datasheet
311Kb / 10P
Dual J-K Flip Flop with Preset and Clear
logo
STMicroelectronics
M54HC73 STMICROELECTRONICS-M54HC73_04 Datasheet
317Kb / 11P
RAD HARD DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
01-Jun-2004
M54HC109 STMICROELECTRONICS-M54HC109_04 Datasheet
177Kb / 10P
RAD-HARD DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
Mar-2004
M74HC109 STMICROELECTRONICS-M74HC109_01 Datasheet
187Kb / 12P
DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
Jul-2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com