Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC148D Datasheet(PDF) 1 Page - STMicroelectronics

Part # M54HC148D
Description  RAD-HARD 8 TO 3 LINE PRIORITY ENCODER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC148D Datasheet(HTML) 1 Page - STMicroelectronics

  M54HC148D Datasheet HTML 1Page - STMicroelectronics M54HC148D Datasheet HTML 2Page - STMicroelectronics M54HC148D Datasheet HTML 3Page - STMicroelectronics M54HC148D Datasheet HTML 4Page - STMicroelectronics M54HC148D Datasheet HTML 5Page - STMicroelectronics M54HC148D Datasheet HTML 6Page - STMicroelectronics M54HC148D Datasheet HTML 7Page - STMicroelectronics M54HC148D Datasheet HTML 8Page - STMicroelectronics M54HC148D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
March 2004
s
HIGH SPEED:
tPD = 16ns (TYP.) at VCC =6V
s
LOW POWER DISSIPATION:
ICC =4µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH =VNIL = 28% VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|= IOL =4mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
54 SERIES 148
s
SPACE GRADE-1: ESA SCC QUALIFIED
s
50 krad QUALIFIED, 100 krad AVAILABLE ON
REQUEST
s
NO SEL UNDER HIGH LET HEAVY IONS
IRRADIATION
s
DEVICE FULLY COMPLIANT WITH
SCC-9410-017
DESCRIPTION
The M54HC148 is an high speed CMOS 8 TO 3
LINE
PRIORITY
ENCODER
fabricated
with
silicon gate C2MOS technology.
The M54HC148 encodes eight data lines to
three-line
(4-2-1)
binary
(octal).
Cascading
circuitry (enable input EI and enable output EO)
has been provided to allow octal expansion
without the need for external circuitry. Data inputs
are active at the low logic level.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M54HC148
RAD-HARD 8 TO 3 LINE PRIORITY ENCODER
PIN CONNECTION
ORDER CODES
PACKAGE
FM
EM
DILC
M54HC148D
M54HC148D1
FPC
M54HC148K
M54HC148K1
DILC-16
FPC-16


Similar Part No. - M54HC148D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC148D STMICROELECTRONICS-M54HC148D Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
More results

Similar Description - M54HC148D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC148 STMICROELECTRONICS-M54HC148 Datasheet
252Kb / 11P
8 TO 3 LINE PRIORITY ENCODER
Oct-1992
logo
Fairchild Semiconductor
74F148 FAIRCHILD-74F148 Datasheet
61Kb / 6P
8-Line to 3-Line Priority Encoder
MM74HC148 FAIRCHILD-MM74HC148 Datasheet
77Kb / 8P
8-3 Line Priority Encoder
logo
Hitachi Semiconductor
HD74HC148 HITACHI-HD74HC148 Datasheet
45Kb / 8P
8-to-3-line Octal Priority Encoder
logo
STMicroelectronics
M74HC148 STMICROELECTRONICS-M74HC148 Datasheet
329Kb / 11P
8 TO 3 LINE PRIORITY ENCODER
Jul-2001
logo
List of Unclassifed Man...
GD74HCT148 ETC1-GD74HCT148 Datasheet
207Kb / 4P
8-TO-3 LINE PRIORITY ENCODER
logo
National Semiconductor ...
MM74HCT148 NSC-MM74HCT148 Datasheet
215Kb / 5P
8-3 Line Priority Encoder
MM54HC148 NSC-MM54HC148 Datasheet
127Kb / 6P
8-3 Line Priority Encoder
logo
Toshiba Semiconductor
TC74HC148AP TOSHIBA-TC74HC148AP_07 Datasheet
353Kb / 9P
8-to-3 Line Priority Encoder
logo
Renesas Technology Corp
HD74HC148 RENESAS-HD74HC148 Datasheet
79Kb / 6P
8-to-3-line Octal Priority Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com