Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC243B1R Datasheet(PDF) 2 Page - STMicroelectronics

Part # M74HC243B1R
Description  QUAD BUS TRANSCEIVER (3 - STATE)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC243B1R Datasheet(HTML) 2 Page - STMicroelectronics

  M74HC243B1R Datasheet HTML 1Page - STMicroelectronics M74HC243B1R Datasheet HTML 2Page - STMicroelectronics M74HC243B1R Datasheet HTML 3Page - STMicroelectronics M74HC243B1R Datasheet HTML 4Page - STMicroelectronics M74HC243B1R Datasheet HTML 5Page - STMicroelectronics M74HC243B1R Datasheet HTML 6Page - STMicroelectronics M74HC243B1R Datasheet HTML 7Page - STMicroelectronics M74HC243B1R Datasheet HTML 8Page - STMicroelectronics M74HC243B1R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
M74HC243
2/11
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
LOGIC DIAGRAM
This logic diagram has not be used to estimate propagation delays
PIN No
SYMBOL
NAME AND FUNCTION
1GAB
Output Enable Input
(Active LOW)
2, 12
NC
Not Connected
3, 4, 5, 6
1A to 4A
Data Inputs/Outputs
11, 10, 9, 8
1B to 4B
Data Inputs/Outputs
13
GBA
Output Enable Input
7
GND
Ground (0V)
14
VCC
Positive Supply Voltage
INPUTS
FUNCTION
OUTPUTS
GAB
GBA
A BUS
B BUS
H
H
OUTPUT
INPUT
A = B
L
L
INPUT
OUTPUT
B = A
H
L
HIGH IMPEDANCE
Z
L
H
HIGH IMPEDANCE
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com