Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP2NA50 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP2NA50
Description  N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP2NA50 Datasheet(HTML) 1 Page - STMicroelectronics

  STP2NA50 Datasheet HTML 1Page - STMicroelectronics STP2NA50 Datasheet HTML 2Page - STMicroelectronics STP2NA50 Datasheet HTML 3Page - STMicroelectronics STP2NA50 Datasheet HTML 4Page - STMicroelectronics STP2NA50 Datasheet HTML 5Page - STMicroelectronics STP2NA50 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
STP2NA50
STP2NA50FI
N - CHANNEL ENHANCEMENT MODE
POWER MOS TRANSISTOR
PRELIMINARY DATA
s
TYPICAL RDS(on) = 3.25
Ω
s
± 30V GATE TO SOURCE VOLTAGE RATING
s
100% AVALANCHE TESTED
s
REPETITIVE AVALANCHE DATA AT 100
oC
s
LOW INTRINSIC CAPACITANCES
s
GATE CHARGE MINIMIZED
s
REDUCED THRESHOLD VOLTAGE SPREAD
APPLICATIONS
s
MEDIUM CURRENT, HIGH SPEED
SWITCHING
s
SWITCH MODE POWER SUPPLIES (SMPS)
s
CONSUMER AND INDUSTRIAL LIGHTING
INTERNAL SCHEMATIC DIAGRAM
T YPE
VDSS
RDS(o n)
ID
ST P2NA50
ST P2NA50FI
500 V
500 V
<4
Ω
< 4 Ω
2.8 A
2A
March 1996
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Val ue
Uni t
STP2NA50
STP2NA50F I
VDS
Drain-Source Voltage (Vgs = 0)
500
V
VDGR
Drain-Gate Volt age (Rgs =20 K
Ω)
500
V
VGS
Gate-Source Voltage
± 30
V
ID
Drain-Current (continuous) at Tc =25
oC2.8
2
A
ID
Drain-Current (continuous) at Tc =100
oC1.8
1.25
A
IDM(
•)
Drain-Current (Pulsed)
11.2
11.2
A
Ptot
Tot al Dissipation at Tc =25
oC75
35
W
Derat ing Factor
0.6
0.28
W/
oC
VISO
Insulation W ithst and Voltage (DC)
-
4000
V
Tstg
Storage T emperature
-65 to 150
oC
Tj
Max Operating Junction T emperature
150
oC
(
•)Pulse width limited by safe operating area
1
2
3
TO-220
ISOWATT220
1
2
3
1/6


Similar Part No. - STP2NA50

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STP2NA50 ISC-STP2NA50 Datasheet
371Kb / 2P
isc N-Channel MOSFET Transistor
STP2NA50FI ISC-STP2NA50FI Datasheet
318Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP2NA50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD2NA60 STMICROELECTRONICS-STD2NA60 Datasheet
172Kb / 10P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
Nov-1996
STD3N30L STMICROELECTRONICS-STD3N30L Datasheet
170Kb / 10P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
Nov-1996
STD3NA50 STMICROELECTRONICS-STD3NA50 Datasheet
172Kb / 10P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
Nov-1996
STH60N10 STMICROELECTRONICS-STH60N10 Datasheet
246Kb / 11P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
May-1993
STP15N05L STMICROELECTRONICS-STP15N05L Datasheet
201Kb / 10P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
Nov-1996
STP32N05L STMICROELECTRONICS-STP32N05L Datasheet
201Kb / 10P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
Nov-1996
STP32N06L STMICROELECTRONICS-STP32N06L Datasheet
201Kb / 10P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
Nov-1996
STP53N08 STMICROELECTRONICS-STP53N08 Datasheet
77Kb / 5P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
Mar-1996
STP5N30L STMICROELECTRONICS-STP5N30L Datasheet
198Kb / 10P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
Nov-1996
IRF630FI STMICROELECTRONICS-IRF630FI Datasheet
190Kb / 6P
N-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com