Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7430 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7430
Description  DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX AND VOICE CANCELLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7430 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7430 Datasheet HTML 1Page - STMicroelectronics TDA7430 Datasheet HTML 2Page - STMicroelectronics TDA7430 Datasheet HTML 3Page - STMicroelectronics TDA7430 Datasheet HTML 4Page - STMicroelectronics TDA7430 Datasheet HTML 5Page - STMicroelectronics TDA7430 Datasheet HTML 6Page - STMicroelectronics TDA7430 Datasheet HTML 7Page - STMicroelectronics TDA7430 Datasheet HTML 8Page - STMicroelectronics TDA7430 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
3/23
TDA7430 - TDA7431
Figure 4. TEST CIRCUIT (TDA7430)
Figure 5. TEST CIRCUIT (TDA7431)
PS4
22nF
PS3
22nF
PS2
4.7nF
PS1
100nF
LP
1.2nF
LP1
5.6nF
HP1
680nF
VAR-L
2.2
µF
HP2
BASSO-L
VAR-R
BASSO-R
RECOUT-L
RECOUT-R
L-OUT
R-OUT
VS
CREF
100nF
10
µF
22
µF
220nF
R-IN4
0.47
µF
R-IN3
0.47
µF
R-IN2
0.47
µF
DIG-GND
SCL
SDA
AGND
18nF
2.7K
MIDDLE-LO
MIDDLE-LI
22nF
18nF
2.7K
MIDDLE-RO
MIDDLE-RI
22nF
100nF
5.6K
BASS-LO
BASS-LI
100nF
100nF
5.6K
BASS-RO
BASS-RI
100nF
TREBLE-L
5.6nF
D95AU225B
2.2
µF
TREBLE-R
5.6nF
LPVC
100nF
TDA7430
39
40
9
41
42
43
44
1
18
19
34
14
15
16
17
38
10
11
12
13
27
26
25
24
23
22
21
20
87
6
32
37
36
35
REARIN
2.2
µF
REAROUT
45
R-IN1
0.47
µF
33
L-IN1
0.47
µF
31
L-IN2
0.47
µF
30
L-IN3
0.47
µF
29
L-IN4
0.47
µF
28
MIX
1
µF
32
PS4
22nF
PS3
22nF
PS2
4.7nF
PS1
100nF
LP
1.2nF
LP1
5.6nF
HP1
680nF
VAR-L
2.2
µF
HP2
BASSO-L
VAR-R
BASSO-R
VOUTREF
RECOUT-L
RECOUT-R
L-OUT
R-OUT
VS
CREF
100nF
10
µF
22
µF
15K
220nF
220nF
7.5K
NBRO
NBRIN
R-IN
0.47
µF
MIX
1
µF
L-IN
0.47
µF
15K
220nF
7.5K
NBLIN
NBLO
220nF
DIG-GND
SCL
SDA
ADDR
AGND
18nF
2.7K
MIDDLE-LO
MIDDLE-LI
22nF
18nF
2.7K
MIDDLE-RO
MIDDLE-RI
22nF
100nF
5.6K
BASS-LO
BASS-LI
100nF
100nF
5.6K
BASS-RO
BASS-RI
100nF
TREBLE-L
5.6nF
D95AU224B
2.2
µF
TREBLE-R
5.6nF
LPVC
100nF
TDA7431
42
1
13
9
2
3
4
5
6
22
23
38
18
19
20
21
41
40
39
34
33
14
15
16
17
32
31
30
29
28
27
26
25
24
12
11
10
8
7
37
36
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com