Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP2NC70Z Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP2NC70Z
Description  N-CHANNEL 700V - 7.3ohm - 1.4A TO-220/FP/DPAK/IPAK Zener-Protected PowerMESH™ II MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP2NC70Z Datasheet(HTML) 1 Page - STMicroelectronics

  STP2NC70Z Datasheet HTML 1Page - STMicroelectronics STP2NC70Z Datasheet HTML 2Page - STMicroelectronics STP2NC70Z Datasheet HTML 3Page - STMicroelectronics STP2NC70Z Datasheet HTML 4Page - STMicroelectronics STP2NC70Z Datasheet HTML 5Page - STMicroelectronics STP2NC70Z Datasheet HTML 6Page - STMicroelectronics STP2NC70Z Datasheet HTML 7Page - STMicroelectronics STP2NC70Z Datasheet HTML 8Page - STMicroelectronics STP2NC70Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/13
February 2002
STP2NC70Z, STP2NC70ZFP
STD1NC70Z, STD1NC70Z-1
N-CHANNEL 700V - 7.3
Ω - 1.4A TO-220/FP/DPAK/IPAK
Zener-Protected PowerMESH™III MOSFET
s
TYPICAL RDS(on) = 7.3 Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
GATE CHARGE MINIMIZED
s
VERY LOW INTRINSIC CAPACITANCES
DESCRIPTION
The third generation of MESH OVERLAY™ Power
MOSFETs for very high voltage exhibits unsur-
passed on-resistance per unit area while integrating
back-to-back Zener diodes between gate and
source. Such arrangement gives extra ESD capabil-
ity with higher ruggedness performance as request-
ed by a large variety of single-switch applications..
APPLICATIONS
s
SINGLE-ENDED SMPS IN MONITORS,
COMPUTER AND INDUSTRIAL APPLICATION
s
WELDING EQUIPMENT
ORDERING INFORMATION
TYPE
VDSS
RDS(on)
ID
Pw
STP2NC70Z
STP2NC70ZFP
STD1NC70Z
STD1NC70Z-1
700 V
700 V
700 V
700 V
< 8.5
< 8.5
< 8.5
< 8.5
1.4 A
1.4 A
1.4 A
1.4 A
50 W
25 W
45 W
45 W
SALES TYPE
MARKING
PACKAGE
PACKAGING
STP2NC70Z
P2NC70Z
TO-220
TUBE
STP2NC70ZFP
P2NC70ZFP
TO-220FP
TUBE
STD1NC70ZT4
D1NC70Z
DPAK
TAPE & REEL
STD1NC70Z-1
D1NC70Z
IPAK
TUBE
TO-220
TO-220FP
IPAK
1
2
3
DPAK
3
2
1
1
3


Similar Part No. - STP2NC70Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP2NC60 STMICROELECTRONICS-STP2NC60 Datasheet
334Kb / 9P
N-CHANNEL 600V - 7ohm - 1.9A - TO-220/TO-220FP PowerMesh™ I MOSFET
Apr-2001
logo
Inchange Semiconductor ...
STP2NC60 ISC-STP2NC60 Datasheet
372Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STP2NC60FP STMICROELECTRONICS-STP2NC60FP Datasheet
334Kb / 9P
N-CHANNEL 600V - 7ohm - 1.9A - TO-220/TO-220FP PowerMesh™ I MOSFET
Apr-2001
logo
Inchange Semiconductor ...
STP2NC60FP ISC-STP2NC60FP Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP2NC70Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB5NK50Z STMICROELECTRONICS-STB5NK50Z Datasheet
618Kb / 14P
N-CHANNEL500V-1.22ohm-4.4ATO-220/FP/DPAK/IPAK/I2PAK Zener-Protected SuperMESH?줡ower MOSFET
Apr-2003
STD1NC60 STMICROELECTRONICS-STD1NC60 Datasheet
280Kb / 9P
N-CHANNEL 600V - 7ohm - 1.4A - DPAK/IPAK PowerMesh™ I MOSFET
Dec-2000
STD2NC70Z STMICROELECTRONICS-STD2NC70Z Datasheet
447Kb / 10P
N-CHANNEL 700V - 4.1ohm - 2.3A DPAK/IPAK Zener-Protected PowerMESH™ III MOSFET
Apr-2001
STP3NK60Z STMICROELECTRONICS-STP3NK60Z Datasheet
755Kb / 15P
N-CHANNEL 600V - 3.3ohm - 2.4A TO-220/FP/D2PAK/DPAK/IPAK Zener-Protected SuperMESH™ Power MOSFET
Jul-2003
STP5NC70Z STMICROELECTRONICS-STP5NC70Z Datasheet
348Kb / 12P
N-CHANNEL 700V - 1.8ohm - 4.6A TO-220/FP/D²PAK/I²PAK Zener-Protected PowerMESH™ II MOSFET
Dec-2002
STP7NC70Z STMICROELECTRONICS-STP7NC70Z Datasheet
529Kb / 13P
N-CHANNEL 700V - 1.1ohm - 6A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH™ II MOSFET
May-2003
STP8NC70Z STMICROELECTRONICS-STP8NC70Z Datasheet
532Kb / 13P
N-CHANNEL 700V - 0.90ohm - 6.8A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH™III MOSFET
Dec-2002
STP3NK80Z STMICROELECTRONICS-STP3NK80Z Datasheet
608Kb / 13P
N-CHANNEL 800V - 3.8W - 2.5A TO-220/FP/DPAK/IPAK Zener-Protected SuperMESH™ Power MOSFET
September 2003
STP2NK90Z STMICROELECTRONICS-STP2NK90Z Datasheet
389Kb / 13P
N-CHANNEL 900V-5W-2.1A TO-220/DPAK/IPAK Zener-Protected SuperMESHTM MOSFET
30-Sep-2004
STB5NK50Z-1 STMICROELECTRONICS-STB5NK50Z-1 Datasheet
447Kb / 14P
N-CHANNEL500V-1.22W-4.4ATO-220/FP/DPAK/IPAK/I2PAK Zener-Protected SuperMESH Power MOSFET
Apr-2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com