Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC292 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC292
Description  PROGRAMMABLE DIVIDER/TIMER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC292 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC292 Datasheet HTML 1Page - STMicroelectronics M74HC292 Datasheet HTML 2Page - STMicroelectronics M74HC292 Datasheet HTML 3Page - STMicroelectronics M74HC292 Datasheet HTML 4Page - STMicroelectronics M74HC292 Datasheet HTML 5Page - STMicroelectronics M74HC292 Datasheet HTML 6Page - STMicroelectronics M74HC292 Datasheet HTML 7Page - STMicroelectronics M74HC292 Datasheet HTML 8Page - STMicroelectronics M74HC292 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
August 2001
s
HIGH SPEED :
fMAX = 75 MHz (TYP.) at VCC = 6V
s
LOW POWER DISSIPATION:
ICC =4µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28 % VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 4mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 292
DESCRIPTION
The
M74HC292
is
an
high
speed
CMOS
PROGRAMMABLE DIVIDER/TIMER fabricated
with silicon gate C2MOS technology.
This device is a programmable frequency divider
and has two clock inputs, either one may be used
for clock gating. (see the function table).
The M74HC292 can divide from 22 to 231. This
device feature an active-low clear input to initialize
the state of all flip-flops. To facilitate incoming
inspection, test points (TP1, TP2, TP3)
are
provided. All inputs are equipped with protection
circuits against static discharge and transient
excess voltage.
This device has Q output with "Totem Pole"
configuration and test point TP with "Open Drain"
output configuration.
M74HC292
PROGRAMMABLE DIVIDER/TIMER
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
M74HC292B1R
SOP
M74HC292M1R
M74HC292RM13TR
TSSOP
M74HC292TTR
TSSOP
DIP
SOP


Similar Part No. - M74HC292

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC292 STMICROELECTRONICS-M74HC292 Datasheet
299Kb / 14P
PROGRAMMABLE DIVIDER/TIMER
Oct-1993
M74HC292B1R STMICROELECTRONICS-M74HC292B1R Datasheet
299Kb / 14P
PROGRAMMABLE DIVIDER/TIMER
Oct-1993
M74HC292C1R STMICROELECTRONICS-M74HC292C1R Datasheet
299Kb / 14P
PROGRAMMABLE DIVIDER/TIMER
Oct-1993
M74HC292F1R STMICROELECTRONICS-M74HC292F1R Datasheet
299Kb / 14P
PROGRAMMABLE DIVIDER/TIMER
Oct-1993
M74HC292M1R STMICROELECTRONICS-M74HC292M1R Datasheet
299Kb / 14P
PROGRAMMABLE DIVIDER/TIMER
Oct-1993
More results

Similar Description - M74HC292

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14541B ONSEMI-MC14541B Datasheet
195Kb / 8P
Programmable Timer
March, 2000 ??Rev. 6
logo
NXP Semiconductors
HEF4541B PHILIPS-HEF4541B Datasheet
144Kb / 8P
Programmable timer
January 1995
logo
STMicroelectronics
M54HC292 STMICROELECTRONICS-M54HC292 Datasheet
299Kb / 14P
PROGRAMMABLE DIVIDER/TIMER
Oct-1993
logo
Toshiba Semiconductor
TC74HC7292AP TOSHIBA-TC74HC7292AP Datasheet
300Kb / 7P
PROGRAMMABLE DIVIDER/TIMER
logo
Hitachi Semiconductor
HD74HC292 HITACHI-HD74HC292 Datasheet
68Kb / 12P
Programmable Frequency Divider/Digital Timer
logo
Fairchild Semiconductor
CD4541BC FAIRCHILD-CD4541BC_02 Datasheet
86Kb / 8P
Programmable Timer
logo
Toshiba Semiconductor
TC74HC7292AP TOSHIBA-TC74HC7292AP_07 Datasheet
407Kb / 10P
Programmable Divider/Timer
logo
STMicroelectronics
M74HC294 STMICROELECTRONICS-M74HC294 Datasheet
422Kb / 11P
PROGRAMMABLE DIVIDER/TIMER
Aug-2001
logo
Renesas Technology Corp
HD74HC292 RENESAS-HD74HC292 Datasheet
123Kb / 10P
Programmable Frequency Divider/Digital Timer
logo
SELEC Controls Pvt. Ltd
XT532 SELEC-XT532 Datasheet
135Kb / 2P
PROGRAMMABLE TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com