Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7438D Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7438D
Description  THREE BANDS DIGITALLY CONTROLLED AUDIO PROCESSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7438D Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7438D Datasheet HTML 1Page - STMicroelectronics TDA7438D Datasheet HTML 2Page - STMicroelectronics TDA7438D Datasheet HTML 3Page - STMicroelectronics TDA7438D Datasheet HTML 4Page - STMicroelectronics TDA7438D Datasheet HTML 5Page - STMicroelectronics TDA7438D Datasheet HTML 6Page - STMicroelectronics TDA7438D Datasheet HTML 7Page - STMicroelectronics TDA7438D Datasheet HTML 8Page - STMicroelectronics TDA7438D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
TDA7438
4/19
SPEAKER ATTENUATORS
CRANGE
Control Range
76
dB
SSTEP
Step Resolution
0.5
1
1.5
dB
EA
Attenuation Set Error
AV = 0 to -20dB
-1.5
0
1.5
dB
AV = -20 to -56dB
-2
0
2
dB
ET
Tracking Error
AV = 0 to -24dB
0
1
dB
AV = -24 to -47dB
0
2
dB
VDC
DC Step
adjacent attenuation steps
0
3
mV
Amute
Mute Attenuation
80
100
dB
AUDIO OUTPUTS
VCLIP
Clipping Level
d = 0.3%
2.1
2.6
VRMS
RL
Output Load Resistance
2
K
Ω
RO
Output Impedance
10
40
70
W
VDC
DC Voltage Level
3.8
V
GENERAL (Gain, Bass, Treble, Middle Controls Flat)
ENO
Output Noise
All gains = 0dB;
BW = 20Hz to 20KHz flat
515
µV
Et
Total Tracking Error
(Volume + Speaker Attenuator)
AV = 0 to -24dB
0
1
dB
AV= -24 to -47dB
0
2
dB
AV = -47 to -79dB
0
3
dB
S/N
Signal to Noise Ratio
All gains 0dB; VO = 1VRMS ;90
106
dB
SC
Channel Separation Left/Right
80
100
dB
dDistortion
AV = 0; VI = 1VRMS ;
0.01
0.08
%
BUS INPUT
VIL
Input Low Voltage
1V
VIH
Input High Voltage
3
V
IIN
Input Current
VIN = 0.4V
-5
5
µA
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Table 5 (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com