Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7439 Datasheet(PDF) 21 Page - STMicroelectronics

Part # TDA7439
Description  Three-band digitally-controlled audio processor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7439 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TDA7439_08 Datasheet HTML 15Page - STMicroelectronics TDA7439_08 Datasheet HTML 16Page - STMicroelectronics TDA7439_08 Datasheet HTML 17Page - STMicroelectronics TDA7439_08 Datasheet HTML 18Page - STMicroelectronics TDA7439_08 Datasheet HTML 19Page - STMicroelectronics TDA7439_08 Datasheet HTML 20Page - STMicroelectronics TDA7439_08 Datasheet HTML 21Page - STMicroelectronics TDA7439_08 Datasheet HTML 22Page - STMicroelectronics TDA7439_08 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
TDA7439
Package information
21/23
8
Package information
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
SDIP30 (0.400")
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
5.08
0.20
A1
0.51
0.020
A2
3.05
3.81
4.57
0.12
0.15
0.18
B
0.36
0.46
0.56
0.014
0.018
0.022
B1
0.76
0.99
1.40
0.030
0.039
0.055
C
0.20
0.25
0.36
0.008
0.01
0.014
D
27.43
27.94
28.45
1.08
1.10
1.12
E
10.16
10.41
11.05
0.400
0.410
0.435
E1
8.38
8.64
9.40
0.330
0.340
0.370
e
1.778
0.070
e1
10.16
0.400
L
2.54
3.30
3.81
0.10
0.13
0.15
M0
°(min.), 15°(max.)
S
0.31
0.012
OUTLINE AND
MECHANICAL DATA
Outline and mechanical data
SDIP30 (0.400 in.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com