Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7439DS Datasheet(PDF) 14 Page - STMicroelectronics

Part # TDA7439DS
Description  Three-band digitally-controlled audio processor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7439DS Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TDA7439DS Datasheet HTML 10Page - STMicroelectronics TDA7439DS Datasheet HTML 11Page - STMicroelectronics TDA7439DS Datasheet HTML 12Page - STMicroelectronics TDA7439DS Datasheet HTML 13Page - STMicroelectronics TDA7439DS Datasheet HTML 14Page - STMicroelectronics TDA7439DS Datasheet HTML 15Page - STMicroelectronics TDA7439DS Datasheet HTML 16Page - STMicroelectronics TDA7439DS Datasheet HTML 17Page - STMicroelectronics TDA7439DS Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
I2C bus addresses and data
TDA7439DS
14/23
6
I2C bus addresses and data
6.1
Chip address byte
The TDA7439DS chip address is 0x88.
6.2
Sub-address byte
The function is selected by the 4-bit sub address as given in Table 7. The three MSBs are
not used and bit D4 selects address incrementing (B = 1) or single data byte (B = 0).
6.3
Data bytes
The function value is changed by the data byte as given in the following tables, Table 8 to
Table 14.
In the tables of input gain, volume and attenuation, not all values are shown. A desired
intermediate value is obtained by setting the three LSBs to the appropriate value.
Table 7.
Function selection: sub-address byte
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
X
X
X
B
0
0
0
0
Input selector
X
X
X
B
0
0
0
1
Input gain
XX
XB
0
0
1
0
Volume
XX
XB
0
0
1
1
Bass gain
X
X
X
B
0
1
0
0
Mid-range gain
XX
XB
0
1
0
1
Treble gain
X
X
X
B
0
1
1
0
Speaker attenuation, R
X
X
X
B
0
1
1
1
Speaker attenuation, L
Table 8.
Input selector value (sub address 0x0)
MSB
LSB
Input multiplexer
D7
D6
D5
D4
D3
D2
D1
D0
XX
XX
XX
0
0
IN4
XX
XX
XX
0
1
IN3
XX
XX
XX
1
0
IN2
XX
XX
XX
1
1
IN1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com