Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC283 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC283
Description  4-BIT BINARY FULL ADDER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC283 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC283 Datasheet HTML 1Page - STMicroelectronics M74HC283 Datasheet HTML 2Page - STMicroelectronics M74HC283 Datasheet HTML 3Page - STMicroelectronics M74HC283 Datasheet HTML 4Page - STMicroelectronics M74HC283 Datasheet HTML 5Page - STMicroelectronics M74HC283 Datasheet HTML 6Page - STMicroelectronics M74HC283 Datasheet HTML 7Page - STMicroelectronics M74HC283 Datasheet HTML 8Page - STMicroelectronics M74HC283 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
August 2001
s
HIGH SPEED :
tPD = 17ns (TYP.) at VCC = 6V
s
LOW POWER DISSIPATION:
ICC =4µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28 % VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 4mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
FULL-CARRY LOOK-AHEAD ACROSS THE
FOUR BITS
s
PARTIAL LOOK-AHEAD WITH THE
ECONOMY OF RIPPLE CARRY
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 283
DESCRIPTION
The M74HC283 is an high speed CMOS 4 BIT
BINARY FULL ADDER fabricated with silicon gate
C2MOS technology.
Sum (
Σ) outputs are provided for each bit and a
resultant carry (C4) is obtained from the fourth bit.
This adder features full internal look ahead across
all four bits. A 4 x n binary adder is easily built up
by cascading without any additional logic.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M74HC283
4-BIT BINARY FULL ADDER
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
M74HC283B1R
SOP
M74HC283M1R
M74HC283RM13TR
TSSOP
M74HC283TTR
TSSOP
DIP
SOP


Similar Part No. - M74HC283

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC283 STMICROELECTRONICS-M74HC283 Datasheet
247Kb / 10P
4 BIT BINARY FULL ADDER
Oct-1992
M74HC283B1R STMICROELECTRONICS-M74HC283B1R Datasheet
247Kb / 10P
4 BIT BINARY FULL ADDER
Oct-1992
M74HC283C1R STMICROELECTRONICS-M74HC283C1R Datasheet
247Kb / 10P
4 BIT BINARY FULL ADDER
Oct-1992
M74HC283M1R STMICROELECTRONICS-M74HC283M1R Datasheet
247Kb / 10P
4 BIT BINARY FULL ADDER
Oct-1992
More results

Similar Description - M74HC283

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F283DM NSC-54F283DM Datasheet
184Kb / 10P
4-Bit Binary Full Adder with Fast Carry
logo
NXP Semiconductors
HEF4008B PHILIPS-HEF4008B Datasheet
62Kb / 5P
4-bit binary full adder
January 1995
logo
STMicroelectronics
M54HC283 STMICROELECTRONICS-M54HC283 Datasheet
247Kb / 10P
4 BIT BINARY FULL ADDER
Oct-1992
logo
Hitachi Semiconductor
HD74HC283 HITACHI-HD74HC283 Datasheet
56Kb / 10P
4-bit Binary Full Adder
logo
NXP Semiconductors
74HC283N PHILIPS-74HC283N Datasheet
111Kb / 20P
4-bit binary full adder with fast carry
Rev. 03-11 November 2004
logo
Fairchild Semiconductor
4008B FAIRCHILD-4008B Datasheet
96Kb / 2P
4-BIT BINARY FULL ADDER
7483A FAIRCHILD-7483A Datasheet
135Kb / 3P
4-BIT BINARY FULL ADDER
logo
Toshiba Semiconductor
TC74HC283AP TOSHIBA-TC74HC283AP_07 Datasheet
399Kb / 10P
4-Bit Binary Full Adder
logo
Renesas Technology Corp
HD74LS283 RENESAS-HD74LS283 Datasheet
101Kb / 8P
4-bit Binary Full Adder
HD74HC283 RENESAS-HD74HC283 Datasheet
105Kb / 8P
4-bit Binary Full Adder
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com