Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCC08RL Datasheet(PDF) 9 Page - STMicroelectronics

Part # STCC08RL
Description  AC switch failure mode detector
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCC08RL Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STCC08RL Datasheet HTML 5Page - STMicroelectronics STCC08RL Datasheet HTML 6Page - STMicroelectronics STCC08RL Datasheet HTML 7Page - STMicroelectronics STCC08RL Datasheet HTML 8Page - STMicroelectronics STCC08RL Datasheet HTML 9Page - STMicroelectronics STCC08RL Datasheet HTML 10Page - STMicroelectronics STCC08RL Datasheet HTML 11Page - STMicroelectronics STCC08RL Datasheet HTML 12Page - STMicroelectronics STCC08RL Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
STCC08
Application information
9/13
This function is effective whatever the drive and the nature of the load.
Figure 7.
ACS benefits
The ACS clamping capability, from 800 V to 1100 V reduces the stress across RAC resistors
during an AC line over-voltage. This provides a robust solution and allows setting high
voltage resistors RAC to withstand the ACS clamping voltage instead of the AC line
maximum over-voltage.
STCC08 AVF alarms configuration
Figure 8.
Open load and Short circuit ACS discrimination
When RSHUNT is removed, the MCU cannot discriminate between an ACS short circuit and
open load failure. See Table 9.
AC
G
NEUTRAL
R
AC1
ACS
R
AC2
V
CC
V
MAX =V CL
AC
G
NEUTRAL
R
AC1
ACS
R
AC2
V
CC
V
MAX =V CL
AVF
V
CC
GND
R
IG
AC
IN
G
POWER SWITCH
SIGNAL SHAPING
AVF DRIVER
GATE DRIVER
+
-
MCU
3.3V to 5V
V
CC
V
CC
AVF
GND
LOAD
LINE
NEUTRAL
ACS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com