Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC294 Datasheet(PDF) 4 Page - STMicroelectronics

Part # M74HC294
Description  PROGRAMMABLE DIVIDER/TIMER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC294 Datasheet(HTML) 4 Page - STMicroelectronics

  M74HC294 Datasheet HTML 1Page - STMicroelectronics M74HC294 Datasheet HTML 2Page - STMicroelectronics M74HC294 Datasheet HTML 3Page - STMicroelectronics M74HC294 Datasheet HTML 4Page - STMicroelectronics M74HC294 Datasheet HTML 5Page - STMicroelectronics M74HC294 Datasheet HTML 6Page - STMicroelectronics M74HC294 Datasheet HTML 7Page - STMicroelectronics M74HC294 Datasheet HTML 8Page - STMicroelectronics M74HC294 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
M74HC294
4/11
FUNCTIONAL TABLE
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is
not implied
(*) 500mW at 65
°C; derate to 300mW by 10mW/°C from 65°C to 85°C
PROGRAMMING INPUTS
FREQUENCY DIVISION
QTP
D
C
B
A
BINARY
DECIMAL BINARY
DECIMAL
L
L
L
L
Inhibit
Inhibit Inhibit
Inhibit
L
L
L
H
Inhibit
Inhibit Inhibit
Inhibit
LL
H
L
22
4 29
512
LL
H
H
23
8 29
512
LH
L
L
24
16 29
512
LH
LH
25
32 29
512
LH
HL
26
64 29
512
LH
H
H
27
128 Disabled Low
HL
L
L
28
256 22
4
HL
LH
29
512 23
8
HL
HL
210
1.024 24
16
HL
H
H
211
2.048 25
32
HH
L
L
212
4.096 26
64
HH
L
H
213
8.192 27
128
HH
H
L
214
16.384 28
256
HH
HH
215
32.768 29
512
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.5 to +7
V
VI
DC Input Voltage
-0.5 to VCC + 0.5
V
VO
DC Output Voltage
-0.5 to VCC + 0.5
V
IIK
DC Input Diode Current
± 20
mA
IOK
DC Output Diode Current
± 20
mA
IO
DC Output Current
± 25
mA
ICC or IGND DC VCC or Ground Current
± 50
mA
PD
Power Dissipation
500(*)
mW
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature (10 sec)
300
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com