Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP2NC70ZFP Datasheet(PDF) 13 Page - STMicroelectronics

Part # STP2NC70ZFP
Description  N-CHANNEL 700V - 7.3ohm - 1.4A TO-220/FP/DPAK/IPAK Zener-Protected PowerMESH™ II MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP2NC70ZFP Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STP2NC70ZFP Datasheet HTML 5Page - STMicroelectronics STP2NC70ZFP Datasheet HTML 6Page - STMicroelectronics STP2NC70ZFP Datasheet HTML 7Page - STMicroelectronics STP2NC70ZFP Datasheet HTML 8Page - STMicroelectronics STP2NC70ZFP Datasheet HTML 9Page - STMicroelectronics STP2NC70ZFP Datasheet HTML 10Page - STMicroelectronics STP2NC70ZFP Datasheet HTML 11Page - STMicroelectronics STP2NC70ZFP Datasheet HTML 12Page - STMicroelectronics STP2NC70ZFP Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
13/13
STP2NC70Z, STP2NC70ZFP, STD1NC70Z, STD1NC70Z-1
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences
of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is
granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are
subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products
are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a trademark of STMicroelectronics
© 2000 STMicroelectronics – Printed in Italy – All Rights Reserved
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco -
Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A.
http://www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com