Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP3020L Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP3020L
Description  N - CHANNEL 30V - 0.019ohm - 40A - TO-220 STripFET POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP3020L Datasheet(HTML) 1 Page - STMicroelectronics

  STP3020L Datasheet HTML 1Page - STMicroelectronics STP3020L Datasheet HTML 2Page - STMicroelectronics STP3020L Datasheet HTML 3Page - STMicroelectronics STP3020L Datasheet HTML 4Page - STMicroelectronics STP3020L Datasheet HTML 5Page - STMicroelectronics STP3020L Datasheet HTML 6Page - STMicroelectronics STP3020L Datasheet HTML 7Page - STMicroelectronics STP3020L Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
STP3020L
N - CHANNEL 30V - 0.019
Ω - 40A - TO-220
STripFET
™ POWER MOSFET
s
TYPICAL RDS(on) = 0.019
Ω
s
LOW GATE CHARGE A 100
oC
s
APPLICATION ORIENTED
CHARACTERIZATION
DESCRIPTION
This Power Mosfet is the latest development of
STMicroelectronics
unique
”Single
Feature
Size
™” strip-based process. The resulting transi-
stor shows extremely high packing density for low
on-resistance, rugged avalance characteristics
and less critical alignment steps therefore a re-
markable manufacturing reproducibility.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
SOLENOID AND RELAY DRIVERS
s
MOTOR CONTROL, AUDIO AMPLIFIERS
s
DC-AC & DC-AC CONVERTERS IN HIGH
PERFORMANCE VRMs
s
AUTOMOTIVE ENVIRONMENT (INJECTION,
ABS, AIR-BAG, LAMPDRIVERS, Etc.)
®
INTERNAL SCHEMATIC DIAGRAM
March 1999
TYPE
VDSS
RDS(on)
ID
ST P3020L
30 V
< 0.022
Ω
40 A
ABSOLUTE MAXIMUM RATINGS
Symb ol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS =0)
30
V
VDGR
Drain- gate Voltage (RGS =20 k
Ω)30
V
VGS
G ate-source Volt age
± 20
V
ID
Drain Current (continuous) at Tc =25
oC40
A
ID
Drain Current (continuous) at Tc = 100
oC28
A
IDM(
•)
Drain Current (pulsed)
160
A
Ptot
T otal Dissipation at Tc =25
oC80
W
Derating Factor
0.53
W /
oC
Tstg
Storage T emperature
-65 to 175
oC
Tj
Max. O perat ing Junct ion T emperature
175
oC
(
•) Pulse width limited by safe operating area
1
2
3
TO-220
1/8


Similar Part No. - STP3020L

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STP3020L ISC-STP3020L Datasheet
371Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP3020L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB3020L STMICROELECTRONICS-STB3020L Datasheet
85Kb / 8P
N - CHANNEL 30V - 0.019ohm - 40A - D2PAK STripFET] POWER MOSFET
Mar-1999
STD40NE03L STMICROELECTRONICS-STD40NE03L Datasheet
86Kb / 8P
N - CHANNEL 30V - 0.012 ohm - 40A TO-252 STripFET POWER MOSFET
Sep-1999
STP22NF03L STMICROELECTRONICS-STP22NF03L Datasheet
239Kb / 8P
N-CHANNEL 30V - 0.038ohm - 22A TO-220 STripFET™ POWER MOSFET
Aug-2000
STP40NF03L STMICROELECTRONICS-STP40NF03L Datasheet
82Kb / 8P
N - CHANNEL 30V - 0.020 ohm - 40A TO-220 STripFET POWER MOSFET
Oct-1999
STP60NF03L STMICROELECTRONICS-STP60NF03L Datasheet
46Kb / 6P
N-CHANNEL 30V - 0.008 ohm - 60A TO-220 STripFET POWER MOSFET
Sep-1999
STP80NF03L-04 STMICROELECTRONICS-STP80NF03L-04 Datasheet
49Kb / 6P
N-CHANNEL 30V - 0.0034 ohm - 80A TO-220 STripFET POWER MOSFET
Nov-1999
STP60NF10 STMICROELECTRONICS-STP60NF10 Datasheet
227Kb / 10P
N-CHANNEL 100V - 0.019ohm - 80A D2PAK/TO-220 STripFET II POWER MOSFET
May-2005
STP60NH2LL STMICROELECTRONICS-STP60NH2LL Datasheet
293Kb / 14P
N-channel 24V - 0.010ohm - 40A TO-220 STripFET Power MOSFET
31-Jan-2007
STP40NF03L STMICROELECTRONICS-STP40NF03L_07 Datasheet
254Kb / 12P
N-channel 30V - 0.018Ω - 40A - TO-220 STripFET??Power MOSFET
21-Feb-2007
STP60NF03L STMICROELECTRONICS-STP60NF03L_06 Datasheet
257Kb / 12P
N-channel 30V - 0.008Ω - 60A TO-220 STripFET™Power MOSFET
09-Aug-2006
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com