Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCF01 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STCF01
Description  Step-up converter for cell phone camera flash LEDs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF01 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STCF01 Datasheet HTML 3Page - STMicroelectronics STCF01 Datasheet HTML 4Page - STMicroelectronics STCF01 Datasheet HTML 5Page - STMicroelectronics STCF01 Datasheet HTML 6Page - STMicroelectronics STCF01 Datasheet HTML 7Page - STMicroelectronics STCF01 Datasheet HTML 8Page - STMicroelectronics STCF01 Datasheet HTML 9Page - STMicroelectronics STCF01 Datasheet HTML 10Page - STMicroelectronics STCF01 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
STCF01
Electrical characteristics
7/16
5
Electrical characteristics
Table 4.
DC Electrical characteristics
(TJ = -40°C to 85°C, VI = 3.6V, CI = 2.2µF, CO = 4.7µF, L = 10µH, RLC = 12kΩ, RHC = 4kΩ,
VOVP = 8V, Typ. values @ 25°C, unless otherwise specified)
Note: 1 Typical value, not production tested
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
General section
VI
Max Operation Supply Voltage
5.5
V
VUVLO
Under Voltage lockout threshold
VSEL= 0V, VSHDN = 0V,
Min. duty cycle
2.3
2.45
2.6
V
IQ
Quiescent Current
VSEL= 0V
2.3
3
mA
Shutdown Mode
0.1
0.5
µA
fSW
Switching Frequency
VSEL= 0V, VSHDN = 0V
1.2
1.5
1.8
MHz
VOVP
Over Voltage Threshold
No Load
17
18
19
V
IPKMax
Maximum Inductor Current
VSHDN = 0V
1.2
A
Current control
VHC
HC Pin Voltage
VSEL= 3V, VSHDN = 0V
VI-0.65
VI-0.6
VI-0.55
V
VLC
LC Pin Voltage
VSEL= 0V, VSHDN = 0V
VI-0.65
VI-0.6
VI-0.55
V
ILED/IHC
High Level Current Multiplier
VSEL= 3V, VSHDN = 0V (25°C)
1900
2100
2300
A/A
ILED/ILC
Low Level Current Multiplier
VSEL= 0V, VSHDN = 0V (25°C)
2200
2400
2600
A/A
RONFB
Resistance ON Feedback
IFB = 100mA
1.2
Ω
IFB(LEAK) Current Feedback Leakage
VSHDN = 3V, VFB = VI
0.1
1
µA
Switch section
RON
Internal Switch ON-Resistance
ISW = 1A Note: 1
0.3
Ω
ISW(LEAK) Internal Switch Leakage Current VSHDN = 3V, VSW= 16.5V
0.1
1
µA
DMAX
Maximum Duty Cycle
IFB = 0mA
90
%
DMIN
Minimum Duty Cycle
IFB = 200mA; VSEL = 0V
Pulse Skipping
0%
Control input section
VH(SEL)
VH(SHDN)
SEL and SHDN Input High
Threshold
VI = 2.6V
1.2
V
VI = 3.6V
1.4
VI = 5.5V
1.6
VL(SEL)
VL(SHDN)
SEL and SHDN Input Low
Threshold
VI = 2.6V
0.4
V
VI = 3.6V
0.5
VI = 5.5V
0.6
Thermal shutdown
TSD
Thermal Shutdown
145
°C
THS
Thermal Shutdown Hysteresis
15
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com