Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCN75M2F Datasheet(PDF) 21 Page - STMicroelectronics

Part # STCN75M2F
Description  Digital temperature sensor and thermal watchdog
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCN75M2F Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STCN75M2F Datasheet HTML 17Page - STMicroelectronics STCN75M2F Datasheet HTML 18Page - STMicroelectronics STCN75M2F Datasheet HTML 19Page - STMicroelectronics STCN75M2F Datasheet HTML 20Page - STMicroelectronics STCN75M2F Datasheet HTML 21Page - STMicroelectronics STCN75M2F Datasheet HTML 22Page - STMicroelectronics STCN75M2F Datasheet HTML 23Page - STMicroelectronics STCN75M2F Datasheet HTML 24Page - STMicroelectronics STCN75M2F Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
STCN75
Functional description
21/35
Figure 6.
Acknowledgement sequence
3.5
READ mode
In this mode the master reads the STCN75 slave after setting the slave address (see
Figure 7). Following the WRITE mode control bit (R/W=0) and the acknowledge bit, the word
address 'An' is written to the on-chip address pointer.
There are two READ modes:
●
Preset pointer locations (e.g. temperature, TOS and THYS registers), and
●
Pointer setting (the pointer has to be set for the register that is to be read)
Note:
The temperature register pointer is usually the default pointer.
These modes are shown in the READ mode typical timing diagrams (see Figure 8, Figure 9,
and Figure 10 on page 22).
Figure 7.
Slave address location
AI00601
DATA OUTPUT
BY RECEIVER
DATA OUTPUT
BY TRANSMITTER
SCL FROM
MASTER
START
CLOCK PULSE FOR
ACKNOWLEDGEMENT
12
89
MSB
LSB
AI12226
R/W
SLAVE ADDRESS
START
A
0
1
A2 A1 A0
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com