Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCS05A Datasheet(PDF) 1 Page - STMicroelectronics

Part # STCS05A
Description  0.5 A max constant current LED driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCS05A Datasheet(HTML) 1 Page - STMicroelectronics

  STCS05A Datasheet HTML 1Page - STMicroelectronics STCS05A Datasheet HTML 2Page - STMicroelectronics STCS05A Datasheet HTML 3Page - STMicroelectronics STCS05A Datasheet HTML 4Page - STMicroelectronics STCS05A Datasheet HTML 5Page - STMicroelectronics STCS05A Datasheet HTML 6Page - STMicroelectronics STCS05A Datasheet HTML 7Page - STMicroelectronics STCS05A Datasheet HTML 8Page - STMicroelectronics STCS05A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
July 2008
Rev 2
1/18
18
STCS05A
0.5 A max constant current LED driver
Features
■ Up to 40 V input voltage
■ Less than 0.5 V voltage overhead
■ Up to 0.5 A output current
■ PWM dimming pin
■ Shutdown pin
■ LED disconnection diagnostic
■ Slope control with external cap
Applications
■ LED constant current supplying for varying
input voltages
■ Low voltage lighting
■ Small appliances LED lighting
■ Car LED lights
Description
The STCS05A is a BiCMOS constant current
source designed to provide a precise constant
current starting from a varying input voltage
source. The main target is to replace discrete
components solution for driving LEDs in low
voltage applications such as 5 V, 12 V or 24 V
giving benefits in terms of precision, integration
and reliability.
The current is set with external resistor up to 0.5
A with a ± 10 % precision; a dedicated pin allows
implementing PWM dimming. An external
capacitor allows setting the slope for the current
rise from tens of microseconds to tens of
milliseconds allowing reduction of EMI.
An open-drain pin output provides information on
load disconnection condition.
SO-8
Table 1.
Device summary
Order code
Package
Packaging
STCS05ADR
SO-8
2500 parts per reel
www.st.com


Similar Part No. - STCS05A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STCS05 STMICROELECTRONICS-STCS05 Datasheet
683Kb / 16P
0.5 A max constant current LED driver
02-Jul-2008
STCS05DR STMICROELECTRONICS-STCS05DR Datasheet
683Kb / 16P
0.5 A max constant current LED driver
02-Jul-2008
More results

Similar Description - STCS05A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61042 TI-TPS61042 Datasheet
552Kb / 20P
CONSTANT CURRENT LED DRIVER
logo
Power Integrations, Inc...
DI-92 POWERINT-DI-92 Datasheet
539Kb / 2P
0.5 W Non-Isolated Constant Current LED Driver
logo
STMicroelectronics
STCS1 STMICROELECTRONICS-STCS1 Datasheet
435Kb / 17P
1.5 A max constant current LED driver
02-Oct-2007
STCS2 STMICROELECTRONICS-STCS2 Datasheet
280Kb / 16P
2 A max constant current LED driver
05-May-2008
STCS05 STMICROELECTRONICS-STCS05 Datasheet
683Kb / 16P
0.5 A max constant current LED driver
02-Jul-2008
STCS1A STMICROELECTRONICS-STCS1A Datasheet
449Kb / 19P
1.5 A max constant current LED driver
02-Jul-2008
STCS2A STMICROELECTRONICS-STCS2A Datasheet
372Kb / 18P
2 A max constant current LED driver
02-Jul-2008
STCS1 STMICROELECTRONICS-STCS1_08 Datasheet
346Kb / 17P
1.5 A max constant current LED driver
02-Jul-2008
STCS2_0807 STMICROELECTRONICS-STCS2_0807 Datasheet
281Kb / 16P
2 A max constant current LED driver
02-Jul-2008
logo
ON Semiconductor
CAT4101 ONSEMI-CAT4101_12 Datasheet
152Kb / 9P
1 A Constant-Current LED Driver
July, 2012 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com