Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCS1A Datasheet(PDF) 13 Page - STMicroelectronics

Part # STCS1A
Description  1.5 A max constant current LED driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCS1A Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STCS1A Datasheet HTML 9Page - STMicroelectronics STCS1A Datasheet HTML 10Page - STMicroelectronics STCS1A Datasheet HTML 11Page - STMicroelectronics STCS1A Datasheet HTML 12Page - STMicroelectronics STCS1A Datasheet HTML 13Page - STMicroelectronics STCS1A Datasheet HTML 14Page - STMicroelectronics STCS1A Datasheet HTML 15Page - STMicroelectronics STCS1A Datasheet HTML 16Page - STMicroelectronics STCS1A Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
STCS1A
Application information
13/19
– LEDs current: 500 mA;
– Package: DFN8 3x3 mm;
–TA = 50°C;
In this case VDRAIN = 12 - 3 x 3.6 = 1.2 V
PD = (1.2 - 0.1) x 0.5 + 12 x 0.5 x 10
-3 = 0.55 + 6 x 10-3 = 556 mW
The junction temperature will be:
TJ = 37.6 x 0.556 + 50 = 70.9 °C
The following pictures show the maximum power dissipation according to the ambient
temperature for both packages:
Figure 16.
Maximum power dissipation vs TA
for DFN8 3x3 mm
Figure 17.
Maximum power dissipation vs TA
for PowerSO-8
R
thJA = 38 [°C/W]
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
25
35
45
55
65
75
85
95
105
115
125
[°C]
P
DMAX = (TJMAX-TA)/RthJA
R
thJA = 38 [°C/W]
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
25
35
45
55
65
75
85
95
105
115
125
[°C]
P
DMAX = (TJMAX-TA)/RthJA
0.00
0.50
1.00
1.50
2.00
2.50
3.00
25
35
45
55
65
75
85
95
105
115
125
[°C]
P
DMAX = (TJMAX-TA)/RthJA
R
thJA = 45 [°C/W]
0.00
0.50
1.00
1.50
2.00
2.50
3.00
25
35
45
55
65
75
85
95
105
115
125
[°C]
P
DMAX = (TJMAX-TA)/RthJA
R
thJA = 45 [°C/W]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com