Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDS75 Datasheet(PDF) 31 Page - STMicroelectronics

Part # STDS75
Description  Digital temperature sensor and thermal watchdog
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDS75 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STDS75_08 Datasheet HTML 27Page - STMicroelectronics STDS75_08 Datasheet HTML 28Page - STMicroelectronics STDS75_08 Datasheet HTML 29Page - STMicroelectronics STDS75_08 Datasheet HTML 30Page - STMicroelectronics STDS75_08 Datasheet HTML 31Page - STMicroelectronics STDS75_08 Datasheet HTML 32Page - STMicroelectronics STDS75_08 Datasheet HTML 33Page - STMicroelectronics STDS75_08 Datasheet HTML 34Page - STMicroelectronics STDS75_08 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
STDS75
DC and AC parameters
31/37
Figure 16.
Bus timing requirements sequence
Table 14.
AC characteristics
Sym
Parameter(1)
1.
Valid for ambient operating temperature: TA = –55 to 125°C; VDD = 2.7 V to 5.5 V (except where noted).
Min
Max
Unit
fSCL
SCL clock frequency
0
400
kHz
tBUF
Time the bus must be free before a new transmission can start
1.3
µs
tF
SDA and SCL fall time
300
ns
tHD:DAT
(2)
2.
Transmitter must internally provide a hold time to bridge the undefined region (300 ns max) of the falling
edge of SCL
.
Data hold time
0
µs
tHD:STA
START condition hold time (after this period the first clock pulse is
generated)
600
ns
tHIGH
Clock high period
600
ns
tLOW
Clock low period
1.3
µs
tR
SDA and SCL rise time
300
ns
tSU:DAT
Data setup time
100
ns
tSU:STA
START condition setup time (only relevant for a repeated start
condition)
600
ns
tSU:STO
STOP condition setup time
600
ns
AI00589
SDA
P
tSU:STO
tSU:STA
tHD:STA
SR
SCL
tSU:DAT
tF
tHD:DAT
tR
tHIGH
tLOW
tHD:STA
tBUF
S
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com