Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDS75 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STDS75
Description  Digital temperature sensor and thermal watchdog
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDS75 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STDS75 Datasheet HTML 15Page - STMicroelectronics STDS75 Datasheet HTML 16Page - STMicroelectronics STDS75 Datasheet HTML 17Page - STMicroelectronics STDS75 Datasheet HTML 18Page - STMicroelectronics STDS75 Datasheet HTML 19Page - STMicroelectronics STDS75 Datasheet HTML 20Page - STMicroelectronics STDS75 Datasheet HTML 21Page - STMicroelectronics STDS75 Datasheet HTML 22Page - STMicroelectronics STDS75 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
STDS75
Functional description
19/37
3.1.5
Hysteresis temperature register (THYS)
THYS register is a two-byte (16-bit) READ/WRITE register that stores the user-
programmable lower trip-point temperature for the thermal alarm in two’s complement
format (see Table 9). This register defaults to 75°C at power-up (i.e., 0100 1011 0000 0000).
The format of this register is the same as that of the temperature register. The 4 LSBs of the
THYS register are hardwired to zero, so data written to these bits is ignored. The MSB
position contains the sign bit for the digital temperature and Bit14 contains the temperature
MSB.
The resolution setting for the A/D conversion determines how many bits of the THYS register
are used by the thermal alarm. For example, for 9-bit conversions, the hysteresis
temperature is defined by the 9 MSBs of the THYS register, and all remaining bits are “Don’t
cares.”
Note:
These are comparable formats to the DS75 and LM75.
3.2
Power-up default conditions
The STDS75 always powers up in the following default states:
●
Thermostat mode = comparator mode
●
Polarity = active-low
●
Fault tolerance = 1 fault (i.e., relevant bits set to '0' in the configuration register)
●
TOS = 80°C
●
THYS = 75°C
●
Register pointer = 00 (temperature register)
●
Conversion resolution = 9-bit (i.e., RC0 = 0 and RC1 = 0 in the configuration register;
see Table 7 on page 17)
Note:
After power-up these conditions can be reprogrammed via the serial interface.
Table 9.
TOS and THYS register format
Bytes
MS byte
LS byte
Bits
MSB
THSB
TLSB
LSB
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
STDS75
SB
TMSB TD
TD
TD
TD TD TD
9-bit
LSB
10-bit
LSB
11-bit
LSB
12-bit
LSB
00
0
0
Keys:
SB = two’s complement sign bit
TMSB = temperature MSB
TLSB = temperature LSB
TD = temperature data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com