Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STESB01STR Datasheet(PDF) 5 Page - STMicroelectronics

Part # STESB01STR
Description  ESBT Base Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STESB01STR Datasheet(HTML) 5 Page - STMicroelectronics

  STESB01STR Datasheet HTML 1Page - STMicroelectronics STESB01STR Datasheet HTML 2Page - STMicroelectronics STESB01STR Datasheet HTML 3Page - STMicroelectronics STESB01STR Datasheet HTML 4Page - STMicroelectronics STESB01STR Datasheet HTML 5Page - STMicroelectronics STESB01STR Datasheet HTML 6Page - STMicroelectronics STESB01STR Datasheet HTML 7Page - STMicroelectronics STESB01STR Datasheet HTML 8Page - STMicroelectronics STESB01STR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
STESB01
Maximum ratings
5/14
3
Maximum ratings
Table 2.
Absolute maximum ratings
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these con-
dition is not implied.
Table 3.
Thermal data
This value is referred to 1 layer PCB board with minimum copper connections for the leads.
Symbol
Parameter
Value
Unit
VCC
DC Input voltage
-0.3 to 22
V
Drive
Drive output voltage
-0.3 to VCC
V
STGADJ
Storage time adjust voltage
-0.3 to 5
V
PWM
PWM Input voltage
-0.3 to 15
V
VCOLL
Collector input voltage
-0.6 to 5
V
ESD
Human body model
±2kV
PTOT
Continuous power dissipation (at TA = 105°C)
TBD
mW
TSTG
Storage temperature range
-40 to 150
°C
TOP
Operating junction temperature range
-40 to 125
°C
Symbol
Parameter
SOT23-6L
SO-8
Unit
RthJC
Thermal resistance junction-case
81
20
°C/W
RthJA
Thermal resistance junction-ambient
255
55
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com